データシートサーチシステム |
|
FM24C16 データシート(PDF) 2 Page - Fairchild Semiconductor |
|
FM24C16 データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 14 page 2 www.fairchildsemi.com FM24C16U/17U Rev. A.3 NC NC NC VSS VCC NC SCL SDA 8 7 6 5 1 2 3 4 24C16 Connection Diagrams Dual-in-Line Package (N) and SO Package (M8) TSSOP Package (MT8) See Package Number N08E, M08A and MTC08 Pin Names V SS Ground SDA Serial Data I/O SCL Serial Clock Input NC No Connection V CC Power Supply Dual-in-Line Package (N) and SO Package (M8) TSSOP Package (MT8) See Package Number N08E, M08A and MTC08 Pin Names NC No Connection V SS Ground SDA Serial Data I/O SCL Serial Clock input WP Write Protect V CC Power Supply NC NC NC VSS VCC WP SCL SDA 8 7 6 5 1 2 3 4 24C17 NC VCC NC NC SCL SDA VSS NC 8 7 6 5 1 2 3 4 24C16 WP VCC NC NC SCL SDA VSS NC 8 7 6 5 1 2 3 4 24C17 NOTE: Pins designated as "NC" are typically unbonded pins. However some of them are bonded for special testing purposes. Hence if a signal is applied to these pins, care should be taken that the voltage applied on these pins does not exceed the VCC applied to the device. This will ensure proper operation. |
同様の部品番号 - FM24C16 |
|
同様の説明 - FM24C16 |