データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FM24C16
部品情報  2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C16 データシート(HTML) 2 Page - Fairchild Semiconductor

  FM24C16 Datasheet HTML 1Page - Fairchild Semiconductor FM24C16 Datasheet HTML 2Page - Fairchild Semiconductor FM24C16 Datasheet HTML 3Page - Fairchild Semiconductor FM24C16 Datasheet HTML 4Page - Fairchild Semiconductor FM24C16 Datasheet HTML 5Page - Fairchild Semiconductor FM24C16 Datasheet HTML 6Page - Fairchild Semiconductor FM24C16 Datasheet HTML 7Page - Fairchild Semiconductor FM24C16 Datasheet HTML 8Page - Fairchild Semiconductor FM24C16 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
FM24C02U/03U Rev. A.3
A0
A1
A2
VSS
VCC
NC
SCL
SDA
8
7
6
5
1
2
3
4
24C02
Connection Diagrams
Dual-in-Line Package (N), SO Package (M8) and TSSOP Package (MT8)
See Package Number N08E, M08A and MTC08
Pin Names
A0,A1,A2
Device Address Inputs
V
SS
Ground
SDA
Serial Data I/O
SCL
Serial Clock Input
NC
No Connection
V
CC
Power Supply
Dual-in-Line Package (N), SO Package (M8) and TSSOP Package (MT8)
See Package Number N08E, M08A and MTC08
Pin Names
A0,A1,A2
Device Address Inputs
V
SS
Ground
SDA
Serial Data I/O
SCL
Serial Clock input
WP
Write Protect
V
CC
Power Supply
A0
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
24C03


同様の部品番号 - FM24C16

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16 FAIRCHILD-FM24C16 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16 FAIRCHILD-FM24C16 Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM24C16A-G RAMTRON-FM24C16A-G Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
More results

同様の説明 - FM24C16

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com