データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C32 データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FM24C32
部品情報  32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C32 データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FM24C32 Datasheet HTML 5Page - Fairchild Semiconductor FM24C32 Datasheet HTML 6Page - Fairchild Semiconductor FM24C32 Datasheet HTML 7Page - Fairchild Semiconductor FM24C32 Datasheet HTML 8Page - Fairchild Semiconductor FM24C32 Datasheet HTML 9Page - Fairchild Semiconductor FM24C32 Datasheet HTML 10Page - Fairchild Semiconductor FM24C32 Datasheet HTML 11Page - Fairchild Semiconductor FM24C32 Datasheet HTML 12Page - Fairchild Semiconductor FM24C32 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
FM24C32U Rev. A.1
Write Operations
BYTE WRITE
For byte write operation, two bytes of address are required after
the slave address. These two bytes select 1 out of the 4096
locations in the memory. The master provides these two address
bytes and for each address byte received, FM24C32U responds
with an acknowledge pulse. Master then provides a byte of data
to be written into the memory. Upon receipt of this data, FM24C32U
responds with an acknowledge pulse. The master then terminates
the transfer by generating a stop condition, at which time the
FM24C32U begins the internal write cycle to the memory. While
the internal write cycle is in progress the FM24C32U inputs are
disabled, and the device will not respond to any requests from the
master for the duration of t
WR. Refer Figure 4 for the address,
acknowledge and data transfer sequence.
PAGE WRITE
To minimize write cycle time, FM24C32U offers Page Write
feature, which allows simultaneous programming of up to 32
contiguous bytes. To facilitate this feature, the memory array is
organized in terms of “Pages”. A Page consists of 32 contiguous
byte locations starting at every 32-Byte address boundary (for
example, starting at array address 0x0000, 0x0020, 0x0040 etc.).
Page Write operation is confined to a single page. In other words
a Page Write operation will not cross over to locations on the next
page but will “roll over” to the beginning of the same page
whenever end of page is reached and additional data bytes are a
continued to be provided. A Page Write operation can be initiated
to begin at any location within a page (starting address of the Page
Write operation need not be the starting address of a Page).
S
T
O
P
A
C
K
A
C
K
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
A
C
K
A
C
K
DATA n
DATA n+31
A
C
K
WORD
ADDRESS (1)
WORD
ADDRESS (0)
SLAVE
ADDRESS
S
T
A
R
T
S
T
O
P
A
C
K
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
A
C
K
DATA
A
C
K
A
C
K
WORD
ADDRESS (1)
WORD
ADDRESS (0)
SLAVE
ADDRESS
S
T
A
R
T
Page Write is initiated in the same manner as the Byte Write
operation; but instead of terminating the cycle after transmitting
the first data byte, the master can further transmit up to 31 more
bytes. After the receipt of each byte, FM24C32U will respond with
an acknowledge pulse, increment the internal address counter to
the next address, and is ready to accept the next data. If the master
should transmit more than 32 bytes prior to generating the STOP
condition, the address counter will “roll over” and previously
loaded data will be re-loaded. As with the Byte Write operation, all
inputs are disabled until completion of the internal write cycle.
Refer
Figure 5 for the address, acknowledge, and data transfer
sequence.
Acknowledge Polling
Once the stop condition is issued to indicate the end of the host’s
write operation, the FM24C32U initiates the internal write cycle.
ACK polling can be initiated immediately. This involves issuing the
start condition followed by the slave address for a write operation.
If the FM24C32U is still busy with the write operation, no ACK will
be returned. If the FM24C32U has completed the write operation,
an ACK will be returned and the host can then proceed with the
next read or write operation.
Write Protection
Programming of the upper half (upper 8Kbit) of the memory will not
take place if the WP pin of the FM24C32U is connected to VCC.
The FM24C32U will respond to slave and byte addresses; but if
the memory accessed is write protected by the WP pin, the
FM24C32U will not generate an acknowledge after the first byte
of data has been received. Thus the program cycle will not be
started when the stop condition is asserted.
Byte Write (Figure 4)
Page Write (Figure 5)


同様の部品番号 - FM24C32

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C02 FAIRCHILD-FM24C02 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

同様の説明 - FM24C32

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com