データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C64E データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FM24C64E
部品情報  64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C64E データシート(HTML) 5 Page - Fairchild Semiconductor

  FM24C64E Datasheet HTML 1Page - Fairchild Semiconductor FM24C64E Datasheet HTML 2Page - Fairchild Semiconductor FM24C64E Datasheet HTML 3Page - Fairchild Semiconductor FM24C64E Datasheet HTML 4Page - Fairchild Semiconductor FM24C64E Datasheet HTML 5Page - Fairchild Semiconductor FM24C64E Datasheet HTML 6Page - Fairchild Semiconductor FM24C64E Datasheet HTML 7Page - Fairchild Semiconductor FM24C64E Datasheet HTML 8Page - Fairchild Semiconductor FM24C64E Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
FM24C64 Rev. C
AC Test Conditions
Input Pulse Levels
V
CC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10 ns
Input & Output Timing Levels
V
CC x 0.3 to VCC x 0.7
Output Load
1 TTL Gate and CL = 100 pF
Bus Timing
SCL
SDA
IN
SDA
OUT
tF
tLOW
tHIGH
tR
tLOW
tAA
tDH
tBUF
tSU:STA
tHD:DAT
tHD:STA
tSU:DAT
tSU:STO
0.9VCC
0.1VCC
0.7VCC
0.3VCC
Read and Write Cycle Limits (Standard and Low VCC Range 2.5V - 5.5V)
Symbol
Parameter
100 KHz
400 KHz
Units
Min
Max
Min
Max
fSCL
SCL Clock Frequency
100
400
KHz
T
I
Noise Suppression Time Constant at
SCL, SDA Inputs (Minimum VIN
100
50
ns
Pulse width)
t
AA
SCL Low to SDA Data Out Valid
0.3
3.5
0.1
0.9
µs
t
BUF
Time the Bus Must Be Free before
4.7
1.3
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
0.6
µs
t
LOW
Clock Low Period
4.7
1.5
µs
tHIGH
Clock High Period
4.0
0.6
µs
t
SU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
t
HD:DAT
Data in Hold Time
0
0
ns
tSU:DAT
Data in Setup Time
250
120
ns
t
R
SDA and SCL Rise Time
1
0.3
µs
t
F
SDA and SCL Fall Time
300
300
ns
t
SU:STO
Stop Condition Setup Time
4.7
0.6
µs
t
DH
Data Out Hold Time
100
50
n s
t
WR
Write Cycle Time
6
6
m s
Note 4: The write cycle time (t
WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle. During the write cycle,
the FM24C64 bus interface circuits are disabled, SDA is allowed to remain high per the bus-level pull-up resistor, and the device does not respond to its slave
address. Refer "Write Cycle Timing" diagram.
AC Testing Input/Output Waveforms


同様の部品番号 - FM24C64E

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C64 ETC-FM24C64 Datasheet
320Kb / 13P
   FM24C64
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM24C64-G RAMTRON-FM24C64-G Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64-S RAMTRON-FM24C64-S Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
More results

同様の説明 - FM24C64E

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com