データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C64V データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FM24C64V
部品情報  64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C64V データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FM24C64V Datasheet HTML 5Page - Fairchild Semiconductor FM24C64V Datasheet HTML 6Page - Fairchild Semiconductor FM24C64V Datasheet HTML 7Page - Fairchild Semiconductor FM24C64V Datasheet HTML 8Page - Fairchild Semiconductor FM24C64V Datasheet HTML 9Page - Fairchild Semiconductor FM24C64V Datasheet HTML 10Page - Fairchild Semiconductor FM24C64V Datasheet HTML 11Page - Fairchild Semiconductor FM24C64V Datasheet HTML 12Page - Fairchild Semiconductor FM24C64V Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FM24C64 Rev. C
S
T
O
P
A
C
K
NO
A
C
K
Bus Activity:
Master
SDA Line
01
Bus Activity:
EEPROM
A
C
K
A
C
K
WORD
ADDRESS (1)
WORD
ADDRESS (0)
SLAVE
ADDRESS
SLAVE
ADDRESS
DATA
A
C
K
S
T
A
R
T
S
T
A
R
T
S
T
O
P
A
C
K
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
A
C
K
DATA n + x
A
C
K
DATA n + 2
DATA n +1
DATA n +1
A
C
K
NO
A
C
K
Slave
Address
Read Operations
Read operations are initiated in the same manner as write
operations, with the exception that the R/W bit of the slave
address is set to a one. There are three basic read operations:
current address read, random read, and sequential read.
Current Address Read
Internally the FM24C64 contains an address counter that main-
tains the address of the last byte accessed, incremented by one.
Therefore, if the last access (either a read or write) was to address
n, the next read operation would access data from address n + 1.
Upon receipt of the slave address with R/W set to "1," the
FM24C64 issues an acknowledge and transmits the eight bit
word. The master will not acknowledge the transfer but does
generate a stop condition, and therefore the FM24C64 discontin-
ues transmission. Refer
Figure 6 for the sequence of address,
acknowledge and data transfer.
Random Read
Random read operations allow the master to access any memory
location in a random manner. Prior to issuing the slave address
with the R/W bit set to "1," the master must first perform a
“dummy” write operation. The master issues the start condition,
slave address with the R/W bit set to "0" and then the byte
address. After the byte address acknowledge, the master imme-
diately issues another start condition and the slave address with
the R/W bit set to one. This will be followed by an acknowledge
from the FM24C64 and then by the eight bit word. The master will
not acknowledge the transfer but does generate the stop condi-
tion, and therefore the FM24C64 discontinues transmission.
Refer
Figure 7 for the address, acknowledge, and data transfer
sequence.
Sequential Read
Sequential reads can be initiated as either a current address read
or random access read. The first word is transmitted in the same
manner as the other read modes; however, the master now
responds with an acknowledge, indicating it requires additional
data. The FM24C64 continues to output data for each acknowl-
edge received. The read operation is terminated by the master not
responding with an acknowledge or by generating a stop condi-
tion.
The data output is sequential with the data from address n
followed by the data from n + 1. The address counter for read
operations increments all word address bits, allowing the entire
memory contents to be serially read during one operation. After
the entire memory has been read, the counter "rolls over" to the
beginning of the memory. FM24C64 continues to output data for
each acknowledge received. Refer
Figure 8 for the address,
acknowledge, and data transfer sequence.
S
T
O
P
DATA
A
C
K
NO
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
1 0 1 0
1
Current Address Read (Figure 6)
Random Read (Figure 7)
Sequential Read (Figure 8)


同様の部品番号 - FM24C64V

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C64 ETC-FM24C64 Datasheet
320Kb / 13P
   FM24C64
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM24C64-G RAMTRON-FM24C64-G Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64-S RAMTRON-FM24C64-S Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
More results

同様の説明 - FM24C64V

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com