データシートサーチシステム |
|
FM24C04ULZ データシート(PDF) 4 Page - Fairchild Semiconductor |
|
FM24C04ULZ データシート(HTML) 4 Page - Fairchild Semiconductor |
4 / 14 page 4 www.fairchildsemi.com FM24C04U/05U Rev. A.3 Product Specifications Absolute Maximum Ratings Ambient Storage Temperature –65 °C to +150°C All Input or Output Voltages with Respect to Ground –0.3V to 6.5V Lead Temperature (Soldering, 10 seconds) +300 °C ESD Rating 2000V min. Operating Conditions Ambient Operating Temperature FM24C04U/05U 0 °C to +70°C FM24C04UE/05UE -40 °C to +85°C FM24C04UV/05UV -40 °C to +125°C Positive Power Supply FM24C04U/05U 4.5V to 5.5V FM24C04UL/05UL 2.7V to 5.5V FM24C04ULZ/05ULZ 2.7V to 5.5V DC Electrical Characteristics (2.7V to 5.5V) Symbol Parameter Test Conditions Limits Units Min Typ Max (Note 1) I CCA Active Power Supply Current f SCL = 400 KHz ("F" version) 0.2 1.0 mA fSCL = 100 KHz I SB Standby Current V IN = GND V CC = 2.7V - 5.5V 10 50 µA (Note 3) or V CC V CC = 2.7V - 5.5V (L) 1 10 µA VCC = 2.7V - 4.5V (LZ) 0.1 1 µA I LI Input Leakage Current V IN = GND to VCC 0.1 1 µA ILO Output Leakage Current VOUT = GND to VCC 0.1 1 µA V IL Input Low Voltage –0.3 V CC x 0.3 V VIH Input High Voltage VCC x 0.7 VCC + 0.5 V V OL Output Low Voltage I OL = 3 mA 0.4 V Capacitance T A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2) Symbol Test Conditions Max Units C I/O Input/Output Capacitance (SDA) V I/O = 0V 8 pF CIN Input Capacitance (A0, A1, A2, SCL) VIN = 0V 6 pF Note 1: Typical values are TA = 25°C and nominal supply voltage of 5V for 4.5V-5.5V operation and at 3V for 2.7V-4.5V operation. Note 2: This parameter is periodically sampled and not 100% tested. Note 3: The "L" and "LZ" versions can be operated in the 2.7V to 5.5V VCC range. However, for a standby current (ISB) of 1µA, the VCC should be within 2.7V to 4.5V. |
同様の部品番号 - FM24C04ULZ |
|
同様の説明 - FM24C04ULZ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |