データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C64LZ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FM24C64LZ
部品情報  64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C64LZ データシート(HTML) 1 Page - Fairchild Semiconductor

  FM24C64LZ Datasheet HTML 1Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 2Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 3Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 4Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 5Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 6Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 7Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 8Page - Fairchild Semiconductor FM24C64LZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.fairchildsemi.com
FM24C64 Rev. C
December 2001
© 2001 Fairchild Semiconductor Corporation
FM24C64 – 64K-Bit Standard 2-Wire Bus
Interface Serial EEPROM
General Description
FM24C64 is a 64Kbit CMOS non-volatile serial EEPROM orga-
nized as 8K x 8 bit memory. This device confirms to Extended IIC
2-wire protocol that allows accessing of memory in excess of
16Kbit on an IIC bus. This serial communication protocol uses a
Clock signal (SCL) and a Data signal (SDA) to synchronously
clock data between a master (e.g. a microcontroller) and a slave
(EEPROM). FM24C64 is designed to minimize pin count and
simplify PC board layout requirements.
FM24C64 offers hardware write protection where by the entire
memory array can be write protected by connecting WP pin to VCC.
This section of memory then becomes unalterable until the WP pin
is switched to V
SS.
“LZ” and “L” versions of FM24C64 offer very low standby current
making them suitable for low power applications. This device is
offered in SO, TSSOP and DIP packages.
Fairchild EEPROMs are designed and tested for applications
requiring high endurance, high reliability and low power consump-
tion.
Block Diagram
Features
I Extended operating voltage: 2.5V to 5.5V
I Up to 400 KHz clock frequency at 2.5V to 5.5V
I Low power consumption
— 0.5mA active current typical
—10
µA standby current typical
—1
µA standby current typical (L version)
— 0.1
µA standby current typical (LZ version)
I Schmitt trigger inputs
I 32 byte page write mode
I Self timed write cycle (6ms typical)
I Hardware Write Protection for the entire array
I Endurance: up to 100K data changes
I Data Retention: Greater than 40 years
I Packages: 8-Pin DIP, 8-Pin SO and 8-Pin TSSOP
I Temperature range
— Commercial: 0
°C to +70°C
— Industrial (E): -40
°C to +85°C
— Automotive (V): -40
°C to +125°C
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
YDEC
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
WRITE
LOCKOUT
CK
DIN
R/W
SDA
SCL
WP
VCC
VSS
DOUT
A2
A1
A0


同様の部品番号 - FM24C64LZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C64 ETC-FM24C64 Datasheet
320Kb / 13P
   FM24C64
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM24C64-G RAMTRON-FM24C64-G Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64-S RAMTRON-FM24C64-S Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
More results

同様の説明 - FM24C64LZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com