データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C256EYYX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FM24C256EYYX
部品情報  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C256EYYX データシート(HTML) 3 Page - Fairchild Semiconductor

  FM24C256EYYX Datasheet HTML 1Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 2Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 3Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 4Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 5Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 6Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 7Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 8Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
FM24C256 rev. B.3
Ordering Information
FM
24
C
XX
F
LZ
E
YY
X
Letter
Description
Blank
Tube
X
Tape and Reel
Package
N
8-pin DIP
M8
8-pin SO8
Temp. Range
Blank
0 to 70
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
SCL Clock Frequency
Blank
100KHz
F
400KHz
Density
256
256K with write protect
C
CMOS
Interface
24
IIC - 2 Wire
FM
Fairchild Non-Volatile
Memory
Part Number
Clock Frequency
V
CC
Standby Current
FM24C256YYX
4.5V - 5.5V
10
µA typical
FM24C256LYYX
100KHz
2.7V - 5.5V
FM24C256LZYYX
1
µA max
FM24C256FYYX
4.5V - 5.5V
10
µA typical
FM24C256FLYYX
400KHz
2.7V - 5.5V
FM24C256FLZYYX
1
µA max
Part Number
Clock Frequency
V
CC
Standby Current
FM24C256EYYX
4.5V - 5.5V
10
µA typical
FM24C256LEYYX
100KHz
2.7V - 5.5V
FM24C256LZEYYX
1
µA max
FM24C256FEYYX
4.5V - 5.5V
10
µA typical
FM24C256FLEYYX
400KHz
2.7V - 5.5V
FM24C256FLZEYYX
1
µA max
Commercial Temperature Range: 0
° to +70°C
Industrial Temperature Range: -40
° to +85°C


同様の部品番号 - FM24C256EYYX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results

同様の説明 - FM24C256EYYX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com