データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C256LZEYYX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FM24C256LZEYYX
部品情報  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C256LZEYYX データシート(HTML) 1 Page - Fairchild Semiconductor

  FM24C256LZEYYX Datasheet HTML 1Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 2Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 3Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 4Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 5Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 6Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 7Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 8Page - Fairchild Semiconductor FM24C256LZEYYX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.fairchildsemi.com
FM24C256 rev. B.3
June 2000
© 2000 Fairchild Semiconductor International
FM24C256
256 KBit 2-Wire Bus Interface
Serial EEPROM with Write Protect
General Description
The FM24C256/C256L/C256LZ devices are 256 Kbits CMOS
nonvolatile electrically erasable memory. These devices offer the
designer different low voltage and low power options. They
conform to all requirements in the Extended IIC 2-wire protocol.
Furthermore, they are designed to minimize device pin count and
simplify PC board layout requirements.
The entire memory array can be write disabled (Write Protection)
by connecting the WP pin to V
CC.
Functional address lines allow up to eight devices on the same
bus, for up to a total of 2 Mbit address space.
The IIC communication protocol uses CLOCK (SCL) and DATA
I/O (SDA) lines to synchronously clock data between the master
(for example a microprocessor) and the slave EEPROM device(s).
Fairchild EEPROMs are designed and tested for applications
requiring high endurance, high reliability, and low power con-
sumption.
Block Diagram
Features
I Extended Operating Voltages
— C256: 4.5V - 5.5V
— C256L: 2.7V - 5.5V
— C256LZ: 2.7V - 5.5V
I Low Power CMOS
— 1mA active current typical
— C256/C256L: 10
µA standby current typical
— C256LZ: less than 1
µA standby current
I 2-wire IIC serial interface
I 64 byte page write mode
I Max write cycle time of 6ms byte/page
I 40 years data retention
I Endurance: 100,000 data changes
I Hardware write protect for entire array
I Schmitt trigger inputs for noise suppression
I Electrostatic discharge protection > 4000V
I 8-pin DIP and 8-pin SO (150 mil) packages. Contact factory
for CSP package availability
DS800023-1
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
YDEC
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
WRITE
LOCKOUT
START CYCLE
CK
DIN
R/W
LOAD
INC
SDA
SCL
WP
VCC
DOUT
A2
A1
A0


同様の部品番号 - FM24C256LZEYYX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results

同様の説明 - FM24C256LZEYYX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com