データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C256FEYYX データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FM24C256FEYYX
部品情報  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C256FEYYX データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FM24C256FEYYX Datasheet HTML 2Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 3Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 4Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 5Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 6Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 7Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 8Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 9Page - Fairchild Semiconductor FM24C256FEYYX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
FM24C256 rev. B.3
BACKGROUND INFORMATION (IIC Bus)
The IIC bus allows synchronous bidirectional communication be-
tween Transmitter/Receiver using the SCL (clock) and SDA (Data
I/O) lines. All communication must be started with a valid START
condition, concluded with a STOP condition and acknowledged by
the Receiver with an ACKNOWLEDGE condition.
In addition, since the IIC bus is designed to support other devices
such as RAM, EPROM, etc., the device type identifier string, or
control byte, must follow the START condition. For EEPROMs, the
first 4-bit of the control byte is 1010 binary for READ and WRITE
operations. This is then followed by the device selection bits A2, A1
and A0, and acts as the three most significant bits of the word
address.The final bit in the control byte determines the type of
operation performed (READ/WRITE). A "1" signifies a READ while
a "0" signifies a WRITE. The control byte is then followed by two bytes
that define the word address, which is then followed by the data byte.
The EEPROMs on the IIC bus may be configured in any manner
required, providing the total memory addressed does not exceed
512K bits (64K bytes). EEPROM memory addressing is controlled
by hardware configuring the A2, A1, and A0 pins (Device Address
pins) with pull-up or pull-down resistors. ALL UNUSED PINS
MUST BE GROUNDED (tied to V
SS).
Addressing an EEPROM memory location involves sending a
command string with the following information:
[DEVICE TYPE]-[DEVICE ADDRESS]-[PAGE BLOCK AD-
DRESS]-[BYTE ADDRESS]
Pin Description
SERIAL CLOCK (SCL)
Definitions
Word
8 bits (byte) of data
Page
64 sequential addresses (one byte each) that
may be programmed during a "Page Write"
programming cycle.
Master
Any IIC device CONTROLLING the transfer of
data (such as a microcontroller).
Slave
Device being controlled (EEPROMS are
always considered Slaves).
Transmitter
Device currently SENDING data on the bus
(may be either a Master or Slave).
Receiver
Device currently receiving data on the bus
(Master or Slave).
The SCL input is used to clock all data into and out of the device.
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data to and from the
device. It is an open drain output and may be wire-ORed with any
number of open drain or open collector outputs.
Device Address Inputs (A0, A1, A2)
Device address pins A0, A1, and A2 are connected to V
CC or VSS
to configure the EEPROM address for multiple device configura-
tion. A total of eight different devices can be attached to the same
SDA bus.
Write Protection (WP)
If WP is tied to V
CC, program WRITE operations onto the entire
array of the memory will not be executed. READ operations are
always available.
If WP is tied to V
SS or left floating (unconnected), normal memory
operation is enabled for READ/WRITE over the entire 256K bit
memory array.
This feature allows the user to assign the entire array of the memory
as ROM, which can be protected against accidental programming
writes. When WRITE is disabled, slave address and word address
will be acknowledged but data will not be acknowledged.
Device Operation
The FM24C256xxx supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the bus as a
transmitter and the receiving devices as the receiver. The device
controlling the transfer is the master and the device that is con-
trolled is the slave. The master will always initiate data transfers and
provide the clock for both transmit and receive operations. There-
fore, the FM24C256xxx is considered a slave in all applications.
CLOCK AND DATA CONVENTIONS
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH and are reserved for
indication of start and stop conditions.
Refer to Figures 1 and 2.
START CONDITION
All commands are preceded by the start condition, which is a
HIGH to LOW transition of SDA when SCL is HIGH. The
FM24C256xxx continuously monitors the SDA and SCL lines for
the start condition and will not respond to any command until this
condition has been met.
STOP CONDITION
All communications are terminated by a stop condition, which is a
LOW to HIGH transition of SDA when SCL is HIGH. The stop
condition is also used by the FM24C256xxx to place the device in
the standby power mode.
;;
SCL
SDA
IN
SDA
OUT
tF
tLOW
tHIGH
tR
tLOW
tAA
tDH
tBUF
tSU:STA
tHD:DAT
tHD:STA
tSU:DAT
tSU:STO
DS800023-3
Bus Timing
Note 3: SCL = Serial Clock Data
SDA = Serial Data I/O


同様の部品番号 - FM24C256FEYYX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results

同様の説明 - FM24C256FEYYX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com