データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C09 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FM24C09
部品情報  4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C09 データシート(HTML) 1 Page - Fairchild Semiconductor

  FM24C09 Datasheet HTML 1Page - Fairchild Semiconductor FM24C09 Datasheet HTML 2Page - Fairchild Semiconductor FM24C09 Datasheet HTML 3Page - Fairchild Semiconductor FM24C09 Datasheet HTML 4Page - Fairchild Semiconductor FM24C09 Datasheet HTML 5Page - Fairchild Semiconductor FM24C09 Datasheet HTML 6Page - Fairchild Semiconductor FM24C09 Datasheet HTML 7Page - Fairchild Semiconductor FM24C09 Datasheet HTML 8Page - Fairchild Semiconductor FM24C09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.fairchildsemi.com
FM24C04U/05U Rev. A.3
August 2000
© 2000 Fairchild Semiconductor International
FM24C04U/05U – 4K-Bit Standard 2-Wire Bus
Interface Serial EEPROM
General Description
The FM24C04U/05U devices are 4096 bits of CMOS non-volatile
electrically erasable memory. These devices conform to all speci-
fications in the Standard IIC 2-wire protocol. They are designed to
minimize device pin count and simplify PC board layout require-
ments.
The upper half (upper 2Kbit) of the memory of the FM24C05U can
be write protected by connecting the WP pin to VCC. This section of
memory then becomes unalterable unless WP is switched to V
SS.
This communications protocol uses CLOCK (SCL) and DATA
I/O (SDA) lines to synchronously clock data between the master
(for example a microprocessor) and the slave EEPROM device(s).
The Standard IIC protocol allows for a maximum of 16K of
EEPROM memory which is supported by the Fairchild family in
2K, 4K, 8K, and 16K devices, allowing the user to configure the
memory as the application requires with any combination of
EEPROMs. In order to implement higher EEPROM memory
densities on the IIC bus, the Extended IIC protocol must be used.
(Refer to the FM24C32 or FM24C65 datasheets for more informa-
tion.)
Fairchild EEPROMs are designed and tested for applications requir-
ing high endurance, high reliability and low power consumption.
Block Diagram
Features
I Extended operating voltage 2.7V – 5.5V
I 400 KHz clock frequency (F) at 2.7V - 5.5V
I 200µA active current typical
10
µA standby current typical
1
µA standby current typical (L)
0.1
µA standby current typical (LZ)
I IIC compatible interface
– Provides bi-directional data transfer protocol
I Sixteen byte page write mode
– Minimizes total write time per byte
I Self timed write cycle
Typical write cycle time of 6ms
I Hardware Write Protect for upper half (FM24C05U only)
I Endurance: 1,000,000 data changes
I Data retention greater than 40 years
I Packages available: 8-pin DIP, 8-pin SO, and 8-pin TSSOP
I Available in three temperature ranges
- Commercial: 0
° to +70°C
- Extended (E): -40
° to +85C
- Automotive (V): -40
° to +125°C
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
YDEC
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
CK
DIN
R/W
SDA
SCL
VSS
WP
VCC
DOUT
A2
A1


同様の部品番号 - FM24C09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C09 FAIRCHILD-FM24C09 Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
More results

同様の説明 - FM24C09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com