データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZZL-4016-10P データシート(PDF) 5 Page - Amphenol Corporation

部品番号 ZZL-4016-10P
部品情報  Amphenol pyle MIL-C-26500 Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ZZL-4016-10P データシート(HTML) 5 Page - Amphenol Corporation

  ZZL-4016-10P Datasheet HTML 1Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 2Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 3Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 4Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 5Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 6Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 7Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 8Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
3
MIL-C-26500
specifications
TEST REQUIREMENTS
MILITARY SPECIFICATIONS
PYLE CONNECTOR CAPABILITIES
Air Leakage (Classes E, G, R & K)
1 cu. inch per hr. max. -55°C (-67°F)
Comply
Altitude Immersion
(Classes E, G, R & K)
Sea level 1 inch of mercury, 3 cycles
(IR 5000 megohms hi-pot 1500 volts-submerged)
Comply
Contact Retention
(Classes E, G, R & K)
Size 20 contact 20 lbs. min.
Size 16 contact 25 lbs. min.
Size 12 contact 30 lbs.min.
Exceeds specifications
Collet Retention
No requirement
Without damage to the collet or its retention
means:
Contact Insertion Force
(Classes E, G, R & K)
All size contacts 10 lbs. max.
Comply
Coupling Forces
Torque required to couple and uncouple mating plugs
and receptacles is not to exceed the values listed:
Shell size
Torque inch lbs.
Comply
Fluid Resistance
(Classes E, G, R & K)
20 hrs. immersion in MIL-H-5606 hydraulic fluid and MIL-L-9236
lubrication oil. Must meet hi-pot.
20 hrs. min., fully functional physically and
electrically after immersion. No deteriora-
tion of resilient material.
Ground Resistance (Class G)
.250 ohms backshell of plug to rear of receptacle flange.
Comply
High Potential
(Classes E, G, R & K)
1500 VRMS mated & unmated at sea level
1000 VRMS mated to 110,000 ft. altitude
Exceed with ample margin of safety.
Insert Retention (Classes E, G, R & K)
75 psi. from either direction for 5 seconds.
Exceeds specifications.
Insulation Resistance
(Classes E, G, R & K)
21°C (70°F), 5000 megohms between adjacent contacts and any
contact and shell.
Exceeds specifications.
Low Temperature
(Classes E, G, R & K)
-55°C (-67°F)
Comply
Magnetic Permeability
(Classes E, G, R & K)
2 mu. maximum
Comply
Moisture Resistance
(Classes E, G, R & K)
1000 megohms min. per mil-std. 202 method 106
Comply
Ozone Exposure (Classes E, G, R & K)
0.10 to .015% ozone exposure
Comply
Physical Shock
(Classes E, G, R & K)
50 G’s, 3 axis, per mil-std-202, method 213, test condition C,
wired to monitor 1 microsecond discontinuity.
Comply
Sand & Dust Exposure
(Classes E, G, R & K)
No requirement.
Meet MIL-E-5272 condition “B”
Temperature Life
(Classes E, G, R & K)
Connector fully functional for 1000 hours at 200°C (392°F) ambi-
ent internal temperature 238°C (460°F)
Comply
Thermal Shock (Mated)
(Classes E, G, R & K)
Cycled five times from -55°C to 260°C, held for 30 minutes at
each temperature and transferred to the other in 2 minutes or
less, with no evidence of damage.
Comply
Vibration
(Classes E, G, R & K)
MIL-Std. 202 method 204 condition “D” at R. T.,
-55°C (-67°F) and +200°C (+392°F).
Comply - monitored for a max. of 1 micro-
second discontinuity.
Flame Resistance (Class K)
Performance requirements of Paragraph 4.5.18
Fireproof (Class K of MIL-C-5015D)
Exceeds specifications
8
1012141618202224
9
1014172326313846
Size 20 – 75 lbs. min.
Size 16 – 140 lbs. min
Size 12 – 160 lbs. min.


同様の部品番号 - ZZL-4016-10P

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
ZZL39 TSC-ZZL39 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
ZZL39V TSC-ZZL39V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

同様の説明 - ZZL-4016-10P

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
MIL-C-5015 AMPHENOL-MIL-C-5015 Datasheet
28Kb / 41P
   Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
logo
Amphenol Aerospace Oper...
AMPHS12683-1 AAO-AMPHS12683-1 Datasheet
158Kb / 1P
   MIL-DTL-26500 Type – 48 Series
logo
Amphenol Corporation
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com