データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1L-0509S-NZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM1L-0509S-NZ
部品情報  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0509S-NZ データシート(HTML) 2 Page - AIMTEC

  AM1L-0509S-NZ Datasheet HTML 1Page - AIMTEC AM1L-0509S-NZ Datasheet HTML 2Page - AIMTEC AM1L-0509S-NZ Datasheet HTML 3Page - AIMTEC AM1L-0509S-NZ Datasheet HTML 4Page - AIMTEC AM1L-0509S-NZ Datasheet HTML 5Page - AIMTEC AM1L-0509S-NZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM1L-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.I
2 of 6
North America only
Models
Dual output (continue)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1L-0505DH30-NZ
4.5-5.5
±5
±100
3000
72
AM1L-0509DH30-NZ
4.5-5.5
±9
±56
3000
75
AM1L-0512DH30-NZ
4.5-5.5
±12
±42
3000
78
AM1L-0515DH30-NZ
4.5-5.5
±15
±33
3000
79
AM1L-1205DH30-NZ
10.8-13.2
±5
±100
3000
74
AM1L-1209DH30-NZ
10.8-13.2
±9
±56
3000
76
AM1L-1212DH30-NZ
10.8-13.2
±12
±42
3000
78
AM1L-1215DH30-NZ
10.8-13.2
±15
±33
3000
79
Models
Dual Separated Output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1L-050505D-NZ
4.5-5.5
5/5
100/100
1000
70
AM1L-050909D-NZ
4.5-5.5
9/9
56/56
1000
75
AM1L-051212D-NZ
4.5-5.5
12/12
42/42
1000
79
AM1L-051515D-NZ
4.5-5.5
15/15
33/33
1000
80
AM1L-120505D-NZ
10.8-13.2
5/5
100/100
1000
72
AM1L-120909D-NZ
10.8-13.2
9/9
56/56
1000
75
AM1L-121212D-NZ
10.8-13.2
12/12
42/42
1000
78
NOTE 1: Add suffix “TR” to a part number when ordering in tape and reel package
NOTE 2: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
3
3.0-3.6
VDC
5
4.5-5.5
12
10.8-13.2
24
21.6-26.4
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1000 & 3000
VDC
Tested V1 output/ V2 output
60 sec
1000
VDC
Capacitance V input/V output
500Vdc
60
pF
Capacitance V1 output/V2 output
500Vdc
60
pF
Resistance
500Vdc
> 1000
MOhm
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See the tolerance graph
±5
%
Voltage balance
Dual Output
±2
%
Short Circuit protection
Momentary (1sec)
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual Separated)
For 1.0% of Vin
±1.2
%


同様の部品番号 - AM1L-0509S-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1L-0509S-NZ AIMTEC-AM1L-0509S-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
More results

同様の説明 - AM1L-0509S-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com