データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA-150 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 CA-150
部品情報  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CA-150 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CA-150 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 13Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 14Page - List of Unclassifed Manufacturers CA-150 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
308
220 x 122 x 90 mm
CA-235
Aluminium enclosure
Type
Weight
(g)
External dimensions
(mm)
Complete enclosures
Coated, with gasket and lid screws
Coated, with gasket and hex. socket head screws
Coated, with silicone gasket and lid screws
Coated, with HF gasket and lid screws
Saltwater-proof coating, with gasket and lid screws
Saltwater-proof coating, passivated, lid screws with gasket
Unwashed, unpainted, no accessories
Accessories (separate or as a mounting set)
Mounting plate
TS 15 mounting rail
TS 32 mounting rail
TS 35 mounting rail
Grounding rail
External attachment brackets
External hinges side
Internal hinges with lid guiding**
Silicone gasket for wider temperature range (piece goods)
Max. Pg threads
220 x 122 x 80 mm
CA-240
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-235
1410
220 x 122 x 90
Part number
123.0.0000.50
l
123.0.0010.50
123.0.0110.50
123.0.0080.50
123.0.0100.50
123.0.0060.50
123.0.0120.50
951.1.0950.00
l
982.1.0050.00
l
982.2.0070.00
l
981.0.0080.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
l
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
27
12
854000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
CA-240
1410
220 x 122 x 80
Part number
124.0.0000.00
l
124.0.0010.00
124.0.0970.00
124.0.0080.00
124.0.0100.00
124.0.0060.00
124.0.0820.00
951.1.0090.00
l
982.1.0050.00
l
982.2.0070.00
l
981.0.0080.00
l
982.0.0240.00
l
980.1.0470.00
l
980.1.0310.00
l
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
27
12
854000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE


同様の部品番号 - CA-150

メーカー部品番号データシート部品情報
logo
CW Industries
CA-10-9401 CWIND-CA-10-9401 Datasheet
117Kb / 4P
   Card Edge Connectors
CA-10-9402 CWIND-CA-10-9402 Datasheet
117Kb / 4P
   Card Edge Connectors
CA-10-9403 CWIND-CA-10-9403 Datasheet
117Kb / 4P
   Card Edge Connectors
CA-10-9404 CWIND-CA-10-9404 Datasheet
117Kb / 4P
   Card Edge Connectors
CA-10-9405 CWIND-CA-10-9405 Datasheet
117Kb / 4P
   Card Edge Connectors
More results

同様の説明 - CA-150

メーカー部品番号データシート部品情報
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com