データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA-180 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CA-180
部品情報  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CA-180 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CA-180 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-180 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
298
Aluminium enclosures
CA series
BERNSTEIN aluminium enclosures are
ideally suited to housing electrical,
electronic or pneumatic components.
Their high mechanical strength ensures
excellent protection against impact and all
sizes are sealed to IP 65, according to
IEC 529.
BERNSTEIN aluminium enclosures are fitted
with copper earthing screws (M4 or M6) in
both the base and lid, the surface below
the screws is unpainted allowing a good
earth connection to be made. The captive
lid screws are made of stainless steel and
are held in place by a lock integrated in the
lid. A gasket (for standard enclosures) is
factory-fitted, and ensures conformance
with the protection class. BERNSTEIN
aluminium enclosures are surface-coated in
RAL 7001 (silver-grey), as standard.
BERNSTEIN aluminium enclosures are either
die-cast or chill-cast. The dimension table
shows the production method used for
each respective enclosure.
Attachment points inside the enclosure can
be used to hold equipment in place
(mounting rail, mounting plate, printed
circuit board etc.). Alternatively, the
earthing points may be used. These inner
attachment points are situated at different
heights and positions. (Refer to the
illustrations for detailed positions.)
Technical data
Material
Die-cast aluminium or AlSi 12 (Cu) chill-
cast
Gasket
Neoprene round seal (siliconised)
alternative:
Neoprene round seal
(silicone-free)
Silicone round seal
Lid screws
Stainless steel, captive, multi-purpose cross
head
alternative:
– Stainless steel quarter turn quick release
(die-cast types only)
– Stainless steel hexagonal
socket head screws
– Lead-sealed steel lid screws
(9 S 20 K), slotted head
Coating
RAL 7001 (silver-grey)
alternative:
– Special RAL colours
– Special coatings
Temperature range
-40 °C to +80 °C (neoprene gasket)
alternative:
-50 °C to +130 °C (silicone gasket)
or -30 °C to +100 °C
(explosion-hazardous area)
Protection class
IP 65
alternative:
higher protection class by request
Approval
German Lloyd: No. 91 187 - 84HH
UL: File E 168772 (N)


同様の部品番号 - CA-180

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CA-180 ETC2-CA-180 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
CA-180-QCV ETC2-CA-180-QCV Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results

同様の説明 - CA-180

メーカー部品番号データシート部品情報
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com