データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA7805CKCS データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 UA7805CKCS
部品情報  FIXED POSITIVE VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805CKCS データシート(HTML) 7 Page - Texas Instruments

Back Button UA7805CKCS Datasheet HTML 3Page - Texas Instruments UA7805CKCS Datasheet HTML 4Page - Texas Instruments UA7805CKCS Datasheet HTML 5Page - Texas Instruments UA7805CKCS Datasheet HTML 6Page - Texas Instruments UA7805CKCS Datasheet HTML 7Page - Texas Instruments UA7805CKCS Datasheet HTML 8Page - Texas Instruments UA7805CKCS Datasheet HTML 9Page - Texas Instruments UA7805CKCS Datasheet HTML 10Page - Texas Instruments UA7805CKCS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
μA7800 SERIES
www.ti.com
SLVS056O – MAY 1976 – REVISED AUGUST 2012
uA7812 Electrical Characteristics (continued)
at specified virtual junction temperature, VI = 19 V, IO = 500 mA (unless otherwise noted)
μA7812C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
Bias current
25°C
4.3
8
mA
VI = 14.5 V to 30 V
1
Bias current change
0°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25°C
350
mA
Peak output current
25°C
2.2
A
uA7815 Electrical Characteristics
at specified virtual junction temperature, VI = 23 V, IO = 500 mA (unless otherwise noted)
μA7815C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
25°C
14.4
15
15.6
IO = 5 mA to 1 A, VI = 17.5 V to 30 V,
Output voltage
V
PD ≤ 15 W
0°C to 125°C
14.25
15.75
VI = 17.5 V to 30 V
11
300
Input voltage regulation
25°C
mV
VI = 20 V to 26 V
3
150
VI = 18.5 V to 28.5 V, f = 120 Hz
54
70
Ripple rejection(2)
0°C to 125°C
dB
VI = 18.5 V to 28.5 V, f = 120 Hz
60
(KCT)
IO = 5 mA to 1.5 A
12
300
Output voltage regulation
25°C
mV
IO = 250 mA to 750 mA
4
150
Output resistance
f = 1 kHz
0°C to 125°C
0.019
Temperature coefficient of output voltage
IO = 5 mA
0°C to 125°C
–1
mV/°C
Output noise voltage
f = 10 Hz to 100 kHz
25°C
90
μV
Dropout voltage
IO = 1 A
25°C
2
V
Bias current
25°C
4.4
8
mA
VI = 17.5 V to 30 V
1
Bias current change
0°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25°C
230
mA
Peak output current
25°C
2.1
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across
the output.
(2)
This parameter is validated by design and verified during product characterization. It is not tested in production.
uA7824 Electrical Characteristics
at specified virtual junction temperature, VI = 33 V, IO = 500 mA (unless otherwise noted)
μA7824C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
25°C
23
24
25
IO = 5 mA to 1 A, VI = 27 V to 38 V,
Output voltage
V
PD ≤ 15 W
0°C to 125°C
22.8
25.2
VI = 27 V to 38 V
18
480
Input voltage regulation
25°C
mV
VI = 30 V to 36 V
6
240
Ripple rejection(2)
VI = 28 V to 38 V, f = 120 Hz
0°C to 125°C
50
66
dB
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across
the output.
(2)
This parameter is validated by design and verified during product characterization. It is not tested in production.
Copyright © 1976–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7


同様の部品番号 - UA7805CKCS

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA7805CKCS TI-UA7805CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKCS TI-UA7805CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKCS TI1-UA7805CKCS Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCS TI1-UA7805CKCS Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCS TI1-UA7805CKCS Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

同様の説明 - UA7805CKCS

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com