データシートサーチシステム |
|
AD5449YRU データシート(PDF) 3 Page - Analog Devices |
|
AD5449YRU データシート(HTML) 3 Page - Analog Devices |
3 / 32 page AD5429/AD5439/AD5449 Rev. C | Page 3 of 32 SPECIFICATIONS VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2 = 0 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise noted. DC performance is measured with the OP177, and ac performance is measured with the AD8038, unless otherwise noted. Table 1. Parameter1 Min Typ Max Unit Conditions STATIC PERFORMANCE AD5429 Resolution 8 Bits Relative Accuracy ±0.5 LSB Differential Nonlinearity ±1 LSB Guaranteed monotonic AD5439 Resolution 10 Bits Relative Accuracy ±0.5 LSB Differential Nonlinearity ±1 LSB Guaranteed monotonic AD5449 Resolution 12 Bits Relative Accuracy ±1 LSB Differential Nonlinearity −1/+2 LSB Guaranteed monotonic Gain Error ±25 mV Gain Error Temperature Coefficient ±5 ppm FSR/°C Output Leakage Current ±5 nA Data = 0x0000, TA = 25°C, IOUT1 ±15 nA Data = 0x0000, IOUT1 REFERENCE INPUT Reference Input Range ±10 V VREFA, VREFB Input Resistance 9 11 13 kΩ Input resistance temperature coefficient = −50 ppm/°C VREFA-to-VREFB Input Resistance Mismatch 1.6 2.5 % Typical = 25°C, maximum = 125°C Input Capacitance Code 0 3.5 pF Code 4095 3.5 pF DIGITAL INPUTS/OUTPUT Input High Voltage, VIH 1.7 V VDD = 3.6 V to 5.5 V 1.7 V VDD = 2.5 V to 3.6 V Input Low Voltage, VIL 0.8 V VDD = 2.7 V to 5.5 V 0.7 V VDD = 2.5 V to 2.7 V Output High Voltage, VOH VDD − 1 V VDD = 4.5 V to 5.5 V, ISOURCE = 200 μA VDD − 0.5 V VDD = 2.5 V to 3.6 V, ISOURCE = 200 μA Output Low Voltage, VOL 0.4 V VDD = 4.5 V to 5.5 V, ISINK = 200 μA 0.4 V VDD = 2.5 V to 3.6 V, ISINK = 200 μA Input Leakage Current, IIL 1 μA Input Capacitance 4 10 pF DYNAMIC PERFORMANCE Reference-Multiplying Bandwidth 10 MHz VREF = ±3.5 V p-p, DAC loaded all 1s Output Voltage Settling Time RLOAD = 100 Ω, CLOAD = 15 pF, VREF = 10 V, DAC latch alternately loaded with 0s and 1s Measured to ±1 mV of FS 80 120 ns Measured to ±4 mV of FS 35 70 ns Measured to ±16 mV of FS 30 60 ns Digital Delay 20 40 ns Digital-to-Analog Glitch Impulse 3 nV-sec 1 LSB change around major carry, VREF = 0 V |
同様の部品番号 - AD5449YRU |
|
同様の説明 - AD5449YRU |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |