データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5449YRU-REEL データシート(PDF) 6 Page - Analog Devices

部品番号 AD5449YRU-REEL
部品情報  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5449YRU-REEL データシート(HTML) 6 Page - Analog Devices

Back Button AD5449YRU-REEL Datasheet HTML 2Page - Analog Devices AD5449YRU-REEL Datasheet HTML 3Page - Analog Devices AD5449YRU-REEL Datasheet HTML 4Page - Analog Devices AD5449YRU-REEL Datasheet HTML 5Page - Analog Devices AD5449YRU-REEL Datasheet HTML 6Page - Analog Devices AD5449YRU-REEL Datasheet HTML 7Page - Analog Devices AD5449YRU-REEL Datasheet HTML 8Page - Analog Devices AD5449YRU-REEL Datasheet HTML 9Page - Analog Devices AD5449YRU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 6 of 32
t8
t7
t12
t1
t3
t2
t4
t5
t6
DB15
(N)
DB15
(N + 1)
DB0
(N)
DB0
(N + 1)
DB15
(N)
DB0
(N)
SCLK
SYNC
SDIN
SDO
NOTES
1. ALTERNATIVELY, DATA CAN BE CLOCKED INTO THE INPUT SHIFT REGISTER ON THE RISING EDGE OF SCLK AS
DETERMINED BY THE CONTROL BITS. IN THIS CASE, DATA WOULD BE CLOCKED OUT OF SDO ON THE FALLING
EDGE OF SCLK. TIMING IS AS ABOVE, WITH SCLK INVERTED.
Figure 3. Daisy-Chain Timing Diagram
SDO
SDIN
SYNC
SCLK
16
32
DB15
DB0
DB15
DB0
DB15
UNDEFINED
NOP CONDITION
DB0
INPUT WORD SPECIFIES
REGISTER TO BE READ
SELECTED REGISTER DATA
CLOCKED OUT
Figure 4. Readback Mode Timing Diagram
200
μAIOL
200
μAIOH
TO OUTPUT
PIN
CL
50pF
VOH (MIN) + VOL (MAX)
2
Figure 5. Load Circuit for SDO Timing Specifications


同様の部品番号 - AD5449YRU-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5449YRU-REEL AD-AD5449YRU-REEL Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5449YRU-REEL AD-AD5449YRU-REEL Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449YRU-REEL AD-AD5449YRU-REEL Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
More results

同様の説明 - AD5449YRU-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com