データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9048TQ-883B データシート(PDF) 1 Page - Analog Devices

部品番号 AD9048TQ-883B
部品情報  Monolithic 8-Bit Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9048TQ-883B データシート(HTML) 1 Page - Analog Devices

  AD9048TQ-883B Datasheet HTML 1Page - Analog Devices AD9048TQ-883B Datasheet HTML 2Page - Analog Devices AD9048TQ-883B Datasheet HTML 3Page - Analog Devices AD9048TQ-883B Datasheet HTML 4Page - Analog Devices AD9048TQ-883B Datasheet HTML 5Page - Analog Devices AD9048TQ-883B Datasheet HTML 6Page - Analog Devices AD9048TQ-883B Datasheet HTML 7Page - Analog Devices AD9048TQ-883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
Monolithic 8-Bit
Video A/D Converter
AD9048
FUNCTIONAL BLOCK DIAGRAM
1
R
2
127
R
R/2
R/2
128
R
254
255
R
E
N
C
O
D
I
N
G
L
O
G
I
C
13
14
15
16
1
2
3
4
28
23
18
12
27
26
17
19
25
6
10
7
8
9
11
5
L
A
T
C
H
VCC
VEE
DGND
AGND
D1 (MSB)
D2
D3
D3
D5
D6
D7
D8 (LSB)
NLINV
NMINV
VIN
RT
RM
RB
CONVERT
AD9048
GENERAL DESCRIPTION
The AD9048 is an 8-bit, 35 MSPS flash converter, made on
a high speed bipolar process, which is an alternate source for
the TDC1048 unit, and offers enhancements over its
predecessor. Lower power dissipation makes the AD9048
attractive for a variety of system designs.
Because of its wide bandwidth, it is an ideal choice for real-time
conversion of video signals. Input bandwidth is flat with no
missing codes.
Clocked latching comparators, encoding logic, and output
buffer registers operating at minimum rates of 35 MSPS pre-
clude a need for a sample-and-hold (S/H) or track-and-hold
(T/H) in most system designs using the AD9048. All digital
control inputs and outputs are TTL compatible.
Devices operating over two ambient temperature ranges and
with two grades of linearity are available. Linearities of either
0.5 LSB or 0.75 LSB can be ordered for a commercial range of
0
°C to 70°C or extended case temperatures of –55°C to +125°C.
Commercial versions are packaged in 28-lead DIPs; extended
temperature versions are available in ceramic DIP and ceramic
LCC packages. Both commercial units and MIL-STD-883 units
are standard products.
The AD9048 A/D converter is available in versions compliant
with MIL-STD-883. Refer to the Analog Devices Military Prod-
ucts Databook or current AD9048/883B data sheet for detailed
specifications.
FEATURES
35 MSPS Encode Rate
16 pF Input Capacitance
550 mW Power Dissipation
Industry-Standard Pinouts
MIL-STD-883 Compliant Versions Available
APPLICATIONS
Professional Video Systems
Special Effects Generators
Electro-Optics
Digital Radio
Electronic Warfare (ECM, ECCM, ESM)
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.


同様の部品番号 - AD9048TQ-883B

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9048TQ AD-AD9048TQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results

同様の説明 - AD9048TQ-883B

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com