データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117DT-1.8_NOPB データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1117DT-1.8_NOPB
部品情報  LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117DT-1.8_NOPB データシート(HTML) 5 Page - Texas Instruments

  LM1117DT-1.8_NOPB Datasheet HTML 1Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 2Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 3Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 4Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 5Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 6Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 7Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 8Page - Texas Instruments LM1117DT-1.8_NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM1117-N, LM1117I
www.ti.com
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
LM1117-N ELECTRICAL CHARACTERISTICS (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation, 0°C to 125°C.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
ILIMIT
Current Limit
VIN-VOUT = 5V, TJ = 25°C
800
1200
1500
mA
Minimum Load
LM1117-N-ADJ
Current(5)
VIN = 15V
1.7
5
mA
Quiescent Current
LM1117-N-1.8
5
10
mA
VIN ≤ 15V
LM1117-N-2.5
5
10
mA
VIN ≤ 15V
LM1117-N-2.85
VIN ≤ 10V
5
10
mA
LM1117-N-3.3
VIN ≤ 15V
5
10
mA
LM1117-N-5.0
VIN ≤ 15V
5
10
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
fRIPPLE =1 20Hz, VIN-VOUT = 3V VRIPPLE =
60
75
dB
1VPP
Adjust Pin Current
60
120
μA
Adjust Pin Current
10
≤ IOUT≤ 800mA,
Change
1.4V
≤ VIN-VOUT ≤ 10V
0.2
5
μA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000Hrs
0.3
%
RMS Output Noise
(% of VOUT), 10Hz ≤ f ≤10kHz
0.003
%
Thermal Resistance
3-Lead SOT-223
15.0
°C/W
Junction-to-Case
3-Lead TO-220
3.0
°C/W
3-Lead TO-263
10
°C/W
Thermal Resistance
3-Lead SOT-223 (No heat sink)
136
°C/W
Junction-to-Ambient
3-Lead TO-220 (No heat sink)
79
°C/W
(No air flow)
3-Lead TO-263(6) (No heat sink)
92
°C/W
3-Lead PFM
55
°C/W
8-Lead WSON(7)
40
°C/W
(5)
The minimum output current required to maintain regulation.
(6)
Minimum pad size of 0.038in2
(7)
Thermal Performance for the WSON was obtained using JESD51-7 board with six vias and an ambient temperature of 22°C. For
information about improved thermal performance and power dissipation for the WSON, refer to Application Note AN-1187 (SNOA401).
LM1117I ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation,
−40°C to 125°C.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VREF
Reference Voltage
LM1117I-ADJ
IOUT = 10mA, VIN-VOUT = 2V, TJ = 25°C
1.238
1.250
1.262
V
10mA
≤ IOUT ≤ 800mA, 1.4V ≤ VIN-VOUT
1.200
1.250
1.290
V
10V
VOUT
Output Voltage
LM1117I-3.3
IOUT = 10mA, VIN = 5V, TJ = 25°C
3.267
3.300
3.333
V
0
≤ IOUT ≤ 800mA, 4.75V ≤ VIN ≤ 10V
3.168
3.300
3.432
V
LM1117I-5.0
IOUT = 10mA, VIN = 7V, TJ = 25°C
4.950
5.000
5.050
V
0
≤ IOUT ≤ 800mA, 6.5V ≤ VIN ≤ 12V
4.800
5.000
5.200
V
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric normal.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1117-N LM1117I


同様の部品番号 - LM1117DT-1.8_NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1117DT-1.8/NOPB TI1-LM1117DT-1.8/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DT-1.8/NOPB TI1-LM1117DT-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DT-1.8/NOPB TI1-LM1117DT-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117DT-1.8/NOPB TI1-LM1117DT-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

同様の説明 - LM1117DT-1.8_NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1117IDT-33 TI1-LM1117IDT-33 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-3.3 TI1-LM1117IMP-3.3 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117MPX-ADJ TI1-LM1117MPX-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117-N TI-LM1117-N_15 Datasheet
2Mb / 33P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com