データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQA6N70 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQA6N70
部品情報  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA6N70 データシート(HTML) 2 Page - Fairchild Semiconductor

  FQA6N70 Datasheet HTML 1Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 2Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 3Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 4Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 5Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 6Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 7Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A2, December 2000
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 27.2mH, IAS = 6.4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 6.2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
700
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.78
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 700 V, VGS = 0 V
--
--
10
µA
VDS = 560 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 3.2 A
--
1.16
1.5
gFS
Forward Transconductance
VDS = 50 V, ID = 3.2 A
--
6.4
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1100
1400
pF
Coss
Output Capacitance
--
125
150
pF
Crss
Reverse Transfer Capacitance
--
15
120
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 350 V, ID = 6.2 A,
RG = 25 Ω
--
25
60
ns
tr
Turn-On Rise Time
--
70
150
ns
td(off)
Turn-Off Delay Time
--
55
120
ns
tf
Turn-Off Fall Time
--
50
110
ns
Qg
Total Gate Charge
VDS = 560 V, ID = 6.2 A,
VGS = 10 V
--
30
40
nC
Qgs
Gate-Source Charge
--
6.5
--
nC
Qgd
Gate-Drain Charge
--
13
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
6.4
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
25.6
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 6.4 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 6.2 A,
dIF / dt = 100 A/µs
--
340
--
ns
Qrr
Reverse Recovery Charge
--
2.7
--
µC


同様の部品番号 - FQA6N70

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA6N80 ISC-FQA6N80 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA6N90 FAIRCHILD-FQA6N90 Datasheet
774Kb / 8P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA6N90 ISC-FQA6N90 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA6N90C FAIRCHILD-FQA6N90C Datasheet
611Kb / 8P
   900V N-Channel MOSFET
More results

同様の説明 - FQA6N70

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com