データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C2550IJ44 データシート(PDF) 7 Page - Exar Corporation

部品番号 ST16C2550IJ44
部品情報  Up to 4 Mbps with external clock of 64 MHz
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IJ44 データシート(HTML) 7 Page - Exar Corporation

Back Button ST16C2550IJ44 Datasheet HTML 3Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 4Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 5Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 6Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 7Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 8Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 9Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 10Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ST16C2550
7
REV. 4.4.1
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
1.0 PRODUCT DESCRIPTION
The ST16C2550 (C2550) integrates the functions of two 16C550 Universal Asynchrounous Receiver and
Transmitter (UART). Each UART is independently controlled having its own set of device configuration
registers. The C2550 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-
to-parallel data conversions for both the transmitter and receiver sections. These functions are necessary for
converting the serial data stream into parallel data that is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip.
The C2550 represents such an integration with greatly enhanced features. The C2550 is fabricated with an
advanced CMOS process.
The C2550 is an upward solution that provides a dual UART capability with 16 bytes of transmit and receive
FIFO memory, instead of none in the 16C2450. The C2550 is designed to work with high speed modems and
shared network environments, that require fast data processing time. Increased performance is realized in the
C2550 by the transmit and receive FIFO’s. This allows the external processor to handle more networking tasks
within a given time. For example, the ST16C2450 without a receive FIFO, will require unloading of the RHR in
93 microseconds (This example uses a character length of 11 bits, including start/stop bits at 115.2 Kbps). This
means the external CPU will have to service the receive FIFO less than every 100 microseconds. However
with the 16 byte FIFO in the C2550, the data buffer will not require unloading/loading for 1.53 ms. This
increases the service interval giving the external CPU additional time for other applications and reducing the
overall UART interrupt servicing time. In addition, the 4 selectable receive FIFO trigger interrupt levels is
uniquely provided for maximum data throughput performance especially when operating in a multi-channel
environment. The FIFO memory greatly reduces the bandwidth requirement of the external controlling CPU,
increases performance, and reduces power consumption.
The C2550 is capable of operation up to 4 Mbps with a 64 MHz external clock. With a crystal or external clock
input of 14.7456 MHz the user can select data rates up to 921.6 Kbps.
The rich feature set of the C2550 is available through internal registers. Selectable receive FIFO trigger levels,
selectable TX and RX baud rates, and modem interface controls are all standard features. Following a power
on reset or an external reset, the C2550 is software compatible with the previous generation, ST16C2450.


同様の部品番号 - ST16C2550IJ44

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C2550IJ44 EXAR-ST16C2550IJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550IJ44 EXAR-ST16C2550IJ44 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

同様の説明 - ST16C2550IJ44

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
New Japan Radio
NJU6359 NJRC-NJU6359 Datasheet
330Kb / 11P
   SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
NXP Semiconductors
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
   Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
logo
List of Unclassifed Man...
ST-85540 ETC-ST-85540 Datasheet
114Kb / 1P
   64 MBPS INTERFACE TRANSFORMERS
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com