データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18W08 データシート(PDF) 5 Page - Cypress Semiconductor

部品番号 FM18W08
部品情報  256Kb Wide Voltage Bytewide F-RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM18W08 データシート(HTML) 5 Page - Cypress Semiconductor

  FM18W08 Datasheet HTML 1Page - Cypress Semiconductor FM18W08 Datasheet HTML 2Page - Cypress Semiconductor FM18W08 Datasheet HTML 3Page - Cypress Semiconductor FM18W08 Datasheet HTML 4Page - Cypress Semiconductor FM18W08 Datasheet HTML 5Page - Cypress Semiconductor FM18W08 Datasheet HTML 6Page - Cypress Semiconductor FM18W08 Datasheet HTML 7Page - Cypress Semiconductor FM18W08 Datasheet HTML 8Page - Cypress Semiconductor FM18W08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FM18W08
Document Number: 001-86207 Rev. **
Page 5 of 12
A second design consideration relates to the level of
VDD during operation. Battery-backed SRAMs are
forced to monitor VDD in order to switch to battery
backup. They typically block user access below a
certain VDD level in order to prevent loading the
battery with current demand from an active SRAM.
The user can be abruptly cut off from access to the
nonvolatile memory in a power down situation with
no warning or indication.
F-RAM memories do not need this system overhead.
The memory will not block access at any VDD level
that complies with the specified operating range. The
user should take measures to prevent the processor
from accessing memory when VDD is out-of-
tolerance. The common design practice of holding a
processor in reset during powerdown may be
sufficient.
It is recommended that Chip Enable is
pulled high and allowed to track VDD during powerup
and powerdown cycles. It is the user’s responsibility
to ensure that chip enable is high to prevent accesses
below VDD min. (2.7V).
Figure 3 shows a pullup
resistor on /CE which will keep the pin high during
power cycles assuming the MCU/MPU pin tri-states
during the reset condition. The pullup resistor value
should be chosen to ensure the /CE pin tracks VDD yet
a high enough value that the current drawn when /CE
is low is not an issue.
Figure 3. Use of Pullup Resistor on /CE
CE
WE
OE
A(14:0)
DQ
FM18W08
VDD
MCU/
MPU
R


同様の部品番号 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
FM18W08-SG RAMTRON-FM18W08-SG Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
More results

同様の説明 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com