データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18W08 データシート(PDF) 6 Page - Cypress Semiconductor

部品番号 FM18W08
部品情報  256Kb Wide Voltage Bytewide F-RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM18W08 データシート(HTML) 6 Page - Cypress Semiconductor

Back Button FM18W08 Datasheet HTML 2Page - Cypress Semiconductor FM18W08 Datasheet HTML 3Page - Cypress Semiconductor FM18W08 Datasheet HTML 4Page - Cypress Semiconductor FM18W08 Datasheet HTML 5Page - Cypress Semiconductor FM18W08 Datasheet HTML 6Page - Cypress Semiconductor FM18W08 Datasheet HTML 7Page - Cypress Semiconductor FM18W08 Datasheet HTML 8Page - Cypress Semiconductor FM18W08 Datasheet HTML 9Page - Cypress Semiconductor FM18W08 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FM18W08
Document Number: 001-86207 Rev. **
Page 6 of 12
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55 C to + 125 C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
300V
Package Moisture Sensitivity Level
MSL-2
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.7
3.3
5.5
V
IDD
VDD Supply Current
-
12
mA
1
ISB
Standby Current
20
50
A
2
ILI
Input Leakage Current
-
1
A
3
ILO
Output Leakage Current
-
1
A
3
VIH
Input High Voltage
0.7*VDD
VDD+0.3
V
VIL
Input Low Voltage
-0.3
0.3*VDD
V
VOH1
Output High Voltage (IOH = -1 mA, VDD=2.7V)
2.4
V
VOH2
Output High Voltage (IOH = -100 A)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 2 mA, VDD=2.7V)
0.4
V
VOL2
Output Low Voltage (IOL = 150 A)
0.2
V
Notes
1.
VDD = 5.5V, /CE cycling at minimum cycle time. All inputs at CMOS levels, all outputs unloaded.
2.
/CE at VIH, All other pins at CMOS levels (0.2V or VDD-0.2V).
3.
VIN, VOUT between VDD and VSS.


同様の部品番号 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
FM18W08-SG RAMTRON-FM18W08-SG Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
More results

同様の説明 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com