データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18W08 データシート(PDF) 7 Page - Cypress Semiconductor

部品番号 FM18W08
部品情報  256Kb Wide Voltage Bytewide F-RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM18W08 データシート(HTML) 7 Page - Cypress Semiconductor

Back Button FM18W08 Datasheet HTML 3Page - Cypress Semiconductor FM18W08 Datasheet HTML 4Page - Cypress Semiconductor FM18W08 Datasheet HTML 5Page - Cypress Semiconductor FM18W08 Datasheet HTML 6Page - Cypress Semiconductor FM18W08 Datasheet HTML 7Page - Cypress Semiconductor FM18W08 Datasheet HTML 8Page - Cypress Semiconductor FM18W08 Datasheet HTML 9Page - Cypress Semiconductor FM18W08 Datasheet HTML 10Page - Cypress Semiconductor FM18W08 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FM18W08
Document Number: 001-86207 Rev. **
Page 7 of 12
Read Cycle AC Parameters (TA = -40 C to + 85 C, CL = 30 pF, unless otherwise specified)
VDD 2.7 to 3.0V
VDD 3.0 to 5.5V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tCE
Chip Enable Access Time (to data valid)
80
70
ns
tCA
Chip Enable Active Time
80
70
ns
tRC
Read Cycle Time
145
130
ns
tPC
Precharge Time
65
60
ns
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
15
15
ns
tOE
Output Enable Access Time
15
12
ns
tHZ
Chip Enable to Output High-Z
15
15
ns
1
tOHZ
Output Enable to Output High-Z
15
15
ns
1
Write Cycle AC Parameters (TA = -40 C to + 85 C, unless otherwise specified)
VDD 2.7 to 3.0V
VDD 3.0 to 5.5V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tCA
Chip Enable Active Time
80
70
ns
tCW
Chip Enable to Write High
80
70
ns
tWC
Write Cycle Time
145
130
ns
tPC
Precharge Time
65
60
ns
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
15
15
ns
tWP
Write Enable Pulse Width
50
40
ns
tDS
Data Setup
40
30
ns
tDH
Data Hold
0
0
ns
tWZ
Write Enable Low to Output High Z
15
15
ns
1
tWX
Write Enable High to Output Driven
10
10
ns
1
tHZ
Chip Enable to Output High-Z
15
15
ns
1
tWS
Write Enable Setup
0
0
ns
2
tWH
Write Enable Hold
0
0
ns
2
Notes
1
This parameter is periodically sampled and not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. There is no timing
specification associated with this relationship.
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years


同様の部品番号 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
FM18W08-SG RAMTRON-FM18W08-SG Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
More results

同様の説明 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com