データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18W08 データシート(PDF) 1 Page - Cypress Semiconductor

部品番号 FM18W08
部品情報  256Kb Wide Voltage Bytewide F-RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM18W08 データシート(HTML) 1 Page - Cypress Semiconductor

  FM18W08 Datasheet HTML 1Page - Cypress Semiconductor FM18W08 Datasheet HTML 2Page - Cypress Semiconductor FM18W08 Datasheet HTML 3Page - Cypress Semiconductor FM18W08 Datasheet HTML 4Page - Cypress Semiconductor FM18W08 Datasheet HTML 5Page - Cypress Semiconductor FM18W08 Datasheet HTML 6Page - Cypress Semiconductor FM18W08 Datasheet HTML 7Page - Cypress Semiconductor FM18W08 Datasheet HTML 8Page - Cypress Semiconductor FM18W08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Pre-Production
This is a product in the pre-production phase of development. Device characterization is complete and Ramtron does not expect to
change the specifications. Ramtron will issue a Product Change Notice if any specification changes are made.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-86207 Rev. **
Revised February 25, 2013
FM18W08
256Kb Wide Voltage Bytewide F-RAM
Features
256Kbit Ferroelectric Nonvolatile RAM
Organized as 32,768 x 8 bits
High Endurance 100 Trillion (10
14) Read/Writes
38 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Superior to BBSRAM Modules
No Battery Concerns
Monolithic Reliability
True Surface Mount Solution, No Rework Steps
Superior for Moisture, Shock, and Vibration
Resistant to Negative Voltage Undershoots
SRAM & EEPROM Compatible
JEDEC 32Kx8 SRAM & EEPROM pinout
70 ns Access Time
130 ns Cycle Time
Low Power Operation
Wide Voltage Operation 2.7V to 5.5V
12 mA Active Current
20 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
28-pin “Green”/RoHS SOIC Package
Description
The FM18W08 is a 256-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile but operates in other respects as a RAM.
It provides data retention for 38 years while
eliminating
the
reliability
concerns,
functional
disadvantages and system design complexities of
battery-backed SRAM (BBSRAM). Fast write timing
and high write endurance make F-RAM superior to
other types of nonvolatile memory.
In-system operation of the FM18W08 is very similar
to other RAM devices. Minimum read- and write-
cycle times are equal. The F-RAM memory, however,
is nonvolatile due to its unique ferroelectric memory
process. Unlike BBSRAM, the FM18W08 is a truly
monolithic nonvolatile memory. It provides the same
functional benefits of a fast write without the
disadvantages associated with modules and batteries
or hybrid memory solutions.
These capabilities make the FM18W08 ideal for
nonvolatile memory applications requiring frequent
or rapid writes in a bytewide environment. The
availability of a true surface-mount package improves
the
manufacturability
of
new
designs.
Device
specifications are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
Ordering Information
FM18W08-SG
28-pin “Green” SOIC
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
CE
A10
OE
A11
A9
A8
A13
WE
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


同様の部品番号 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
FM18W08-SG RAMTRON-FM18W08-SG Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
More results

同様の説明 - FM18W08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com