データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAY17-560JALF データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 CAY17-560JALF
部品情報  Model CAY17 - Bussed Resistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAY17-560JALF データシート(HTML) 2 Page - Bourns Electronic Solutions

  CAY17-560JALF Datasheet HTML 1Page - Bourns Electronic Solutions CAY17-560JALF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Model CAY17 - Bussed Resistor Array
Soldering Profile for RoHS Compliant Chip Resistors and Arrays
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
REV. 03/11


同様の部品番号 - CAY17-560JALF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CAY17-103JA BOURNS-CAY17-103JA Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17-103JALF BOURNS-CAY17-103JALF Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17-103JALF BOURNS-CAY17-103JALF Datasheet
385Kb / 2P
   Bussed Resistor Array
CAY17-103JB BOURNS-CAY17-103JB Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17-103JBLF BOURNS-CAY17-103JBLF Datasheet
358Kb / 2P
   Bussed Resistor Array
More results

同様の説明 - CAY17-560JALF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CAY17-472JALF BOURNS-CAY17-472JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-104JALF BOURNS-CAY17-104JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17 BOURNS-CAY17 Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17 BOURNS-CAY17_11 Datasheet
385Kb / 2P
   Bussed Resistor Array
logo
KOA Speer Electronics, ...
CND KOA-CND Datasheet
444Kb / 2P
   bussed square corner resistor array
CND1J10VKTTD103J KOA-CND1J10VKTTD103J Datasheet
318Kb / 2P
   bussed square corner resistor array
logo
List of Unclassifed Man...
CND2B10VTTE103J ETC2-CND2B10VTTE103J Datasheet
344Kb / 3P
   bussed square corner resistor array
logo
KOA Speer Electronics, ...
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
CNB KOA-CNB Datasheet
376Kb / 2P
   bussed concave termination square corner resistor array
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com