データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E-TDA7479AD データシート(PDF) 1 Page - STMicroelectronics

部品番号 E-TDA7479AD
部品情報  Single chip RDS demodulator filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7479AD データシート(HTML) 1 Page - STMicroelectronics

  E-TDA7479AD Datasheet HTML 1Page - STMicroelectronics E-TDA7479AD Datasheet HTML 2Page - STMicroelectronics E-TDA7479AD Datasheet HTML 3Page - STMicroelectronics E-TDA7479AD Datasheet HTML 4Page - STMicroelectronics E-TDA7479AD Datasheet HTML 5Page - STMicroelectronics E-TDA7479AD Datasheet HTML 6Page - STMicroelectronics E-TDA7479AD Datasheet HTML 7Page - STMicroelectronics E-TDA7479AD Datasheet HTML 8Page - STMicroelectronics E-TDA7479AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2008
Rev 7
1/12
12
TDA7479
Single chip RDS demodulator + filter
Features
Very high RDS demodulation quality with
improved digital signal processing
High performance, 57 kHz bandpass filter
(8th order)
FIlter adjustment free and without external
components
Purely digitaL RDS Demodulation without
external components
ARI (SK indication) and RDS signal quality
output
4.332 MHz crystal oscillator
(8.664 and 17.328 MHz optional)
Low noise CMOS technology
Low radiation
Description
The TDA7479 recovers the additional inaudible
RDS information which is transmitted by FM radio
broadcasting stations and operates in accordance
with the EBU (European Broadcasting Union)
specifications.
The device is made up of two sections: a
cascaded antialiasing + switched capacitors 8th
bandpass filter for precise RDS band selection
and a demodulating section that performs the
extraction od RDS data stream (RDDA) and clock
(RDCL), to be further processed by a suitable
RDS decoder.
Outputs for RDS signal quality and ARI indication
are also present.
SO16
TSSOP16
Table 1.
Device summary
Order code
Package
Packing
E-TDA7479D(1)
1.
Device in ECOPACK® package (see Section 5: Package information on page 9).
SO16
Tube
E-TDA7479AD(1)
TSSOP16
Tube
www.st.com


同様の部品番号 - E-TDA7479AD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
E-TDA7478AD STMICROELECTRONICS-E-TDA7478AD Datasheet
168Kb / 8P
   SINGLE CHIP RDS DEMODULATOR
More results

同様の説明 - E-TDA7479AD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7479 STMICROELECTRONICS-TDA7479_04 Datasheet
176Kb / 8P
   SINGLE CHIP RDS DEMODULATOR FILTER
TDA7479 STMICROELECTRONICS-TDA7479_08 Datasheet
151Kb / 12P
   Single chip RDS demodulator filter
TDA7479 STMICROELECTRONICS-TDA7479 Datasheet
55Kb / 7P
   SINGLE CHIP RDS DEMODULATOR FILTER
TDA7730B STMICROELECTRONICS-TDA7730B Datasheet
1Mb / 9P
   SINGLE CHIP RDS DEMODULATOR FILTER
TDA7330B STMICROELECTRONICS-TDA7330B Datasheet
114Kb / 9P
   SINGLE CHIP RDS DEMODULATOR FILTER
November 1999
TDA7331 STMICROELECTRONICS-TDA7331 Datasheet
56Kb / 7P
   SINGLE CHIP RDS DEMODULATOR FILTER
February 1998
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
   Single chip RDS demodulator
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
168Kb / 8P
   SINGLE CHIP RDS DEMODULATOR
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com