データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD221I データシート(PDF) 4 Page - STMicroelectronics

部品番号 TD221I
部品情報  Gate Driver with VReg and Two Point Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD221I データシート(HTML) 4 Page - STMicroelectronics

  TD221I Datasheet HTML 1Page - STMicroelectronics TD221I Datasheet HTML 2Page - STMicroelectronics TD221I Datasheet HTML 3Page - STMicroelectronics TD221I Datasheet HTML 4Page - STMicroelectronics TD221I Datasheet HTML 5Page - STMicroelectronics TD221I Datasheet HTML 6Page - STMicroelectronics TD221I Datasheet HTML 7Page - STMicroelectronics TD221I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TD220/221
Electrical Characteristics
4/8
3
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, VCC=13V unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Supply
Icc
Supply current
no load at any pin, Vin<1V
Tamb=25°C
-25°C<Tj<125°C
0.7
1.0
1.2
mA
mA
Icc2
1nF GATE load,
300kHz IN signal
45
6
mA
Istby
Standby current
UVLO active
Tamb=25°C
-25°C<Tj<125°C
160
230
µA
µA
Vclamp
Clamp voltage
Icc<5mA
20
22
24
V
Input
Vton
IN Turn-on Threshold Voltage
1.8
2.1
V
Vtoff
IN Turn-off Threshold Voltage
1.0
1.3
V
Vh
IN Hysteresis
0.5
V
Iinpl
IN Input current low
Vin<0.5V
20
µA
Iinph
IN Input current high
Vin=3.3V
100
µA
Voltage regulator
Vout
Voltage reference
Iout=10mA
TD220
TD221
3.20
4.85
3.30
5
3.40
5.15
V
V
RegLoad Load Regulation
Iout change from 10mA
to 25mA
50
mV
Ipeak
Peak output current
Vout=1V
100
mA
dVout
Temperature coefficent
Iout=10mA
250
ppm/°C
Cout
Allowed capacitive load - Note 1
Iout=10mA
0.1
1
µF
Ileak
Leakage current in UVLO state
Vout=1V
10
µA
Vrip
Ripple rejection - Note 1
f=100Hz
f=10kHz
40
20
dB
dB
Vnoise
Noise voltage
100Hz<f<100kHz
1mV
tstartup
Startup time (Vout>3.1V)
Cout=1
µF
0.1
ms
tsettle
Settling time (1% final value)
Cout=1
µF
2ms
Two Point Regulator (TPR)
VTPROn
Turn-on level
13.6
V
VTPROff Turn-off level
12.4
V
VTPRH
Hysteresis
=VTPROn-VTPROff
0.23
0.29
0.35
V
VF
Forward voltage D1
IF=200mA
1.5
V


同様の部品番号 - TD221I

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TD221I STMICROELECTRONICS-TD221I Datasheet
79Kb / 8P
   Gate Driver with VReg and Two Point Regulator
More results

同様の説明 - TD221I

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TD220 STMICROELECTRONICS-TD220 Datasheet
79Kb / 8P
   Gate Driver with VReg and Two Point Regulator
AN1707 STMICROELECTRONICS-AN1707 Datasheet
176Kb / 5P
   Gate Driver with Vreg and Two-Point Regulator
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
   Gate Driver with VReg and Charge Pump Regulator
logo
NXP Semiconductors
74F08 PHILIPS-74F08 Datasheet
70Kb / 8P
   Quad two-input AND gate
1995 Apr 19
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
[Old version datasheet]   DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
   DC/DC Converter with Power Point Control and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com