データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQAF90N08 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQAF90N08
部品情報  80V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF90N08 データシート(HTML) 2 Page - Fairchild Semiconductor

  FQAF90N08 Datasheet HTML 1Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 2Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 3Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 4Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 5Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 6Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 7Page - Fairchild Semiconductor FQAF90N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A1, January 2001
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.6mH, IAS = 56A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 90A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 100 V, VGS = 0 V
--
--
1
µA
VDS = 80 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 28 A
--
0.012
0.016
gFS
Forward Transconductance
VDS = 30 V, ID = 28 A
--
45
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2500
3250
pF
Coss
Output Capacitance
--
900
1170
pF
Crss
Reverse Transfer Capacitance
--
200
260
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 90 A,
RG = 25 Ω
--
30
70
ns
tr
Turn-On Rise Time
--
360
730
ns
td(off)
Turn-Off Delay Time
--
100
210
ns
tf
Turn-Off Fall Time
--
160
330
ns
Qg
Total Gate Charge
VDS = 64 V, ID = 90 A,
VGS = 10 V
--
84
110
nC
Qgs
Gate-Source Charge
--
17
--
nC
Qgd
Gate-Drain Charge
--
42
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
56
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
224
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 56 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 90 A,
dIF / dt = 100 A/µs
--
87
--
ns
Qrr
Reverse Recovery Charge
--
265
--
nC


同様の部品番号 - FQAF90N08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQAF9N50 FAIRCHILD-FQAF9N50 Datasheet
691Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF9N50 ISC-FQAF9N50 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQAF9N90 FAIRCHILD-FQAF9N90 Datasheet
678Kb / 8P
   900V N-Channel MOSFET
FQAF9P25 FAIRCHILD-FQAF9P25 Datasheet
555Kb / 8P
   250V P-Channel MOSFET
More results

同様の説明 - FQAF90N08

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com