データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQAF9P25 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FQAF9P25
部品情報  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF9P25 データシート(HTML) 3 Page - Fairchild Semiconductor

  FQAF9P25 Datasheet HTML 1Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 2Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 3Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 4Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 5Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 6Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 7Page - Fairchild Semiconductor FQAF9P25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
-V
SD , Source-Drain Voltage [V]
2
468
10
10
-1
10
0
10
1
150℃
25℃
-55℃
※ Notes :
1. V
DS = -50V
2. 250μs Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-6.0 V
Bottom : -5.5 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
V
DS = -125V
V
DS = -50V
V
DS = -200V
※ Note : I
D = -9.4 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
400
800
1200
1600
2000
2400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss
= C
ds
+ C
gd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0
10203040
0.0
0.5
1.0
1.5
2.0
※ Note : T
J
= 25℃
V
GS = - 20V
V
GS
= - 10V
-I
D , Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


同様の部品番号 - FQAF9P25

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQAF90N08 FAIRCHILD-FQAF90N08 Datasheet
673Kb / 8P
   80V N-Channel MOSFET
FQAF9N50 FAIRCHILD-FQAF9N50 Datasheet
691Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF9N50 ISC-FQAF9N50 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQAF9N90 FAIRCHILD-FQAF9N90 Datasheet
678Kb / 8P
   900V N-Channel MOSFET
More results

同様の説明 - FQAF9P25

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com