データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54FCT244 データシート(PDF) 1 Page - Rochester Electronics

部品番号 54FCT244
部品情報  Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

54FCT244 データシート(HTML) 1 Page - Rochester Electronics

  54FCT244 Datasheet HTML 1Page - Rochester Electronics 54FCT244 Datasheet HTML 2Page - Rochester Electronics 54FCT244 Datasheet HTML 3Page - Rochester Electronics 54FCT244 Datasheet HTML 4Page - Rochester Electronics 54FCT244 Datasheet HTML 5Page - Rochester Electronics 54FCT244 Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54FCT244
© 2012 Rochester Electronics, LLC. All Rights Reserved 12172012
Specification Number 54FCT244-M (N) REV A
Page 1 of 6
54FCT244
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ’FCT244 is an octal buffer and line driver with
TRI-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus-oriented transmitter/
receiver.
Features
n
Non-inverting buffers
n
Output sink capability of 48 mA, source capability of
12 mA
n
TRI-STATE outputs drive lines or buffer memory address
registers
n
TTL input and output level compatible
n
CMOS power consumption
n
Standard Microcircuit Drawing (SMD) 5962-8763001
Ordering Code
Military
Package
Package Description
Number
54FCT244DMQB
J20A
20-Lead Ceramic Dual-In-Line
54FCT244FMQB
W20A
20-Lead Cerpack
54FCT244LMQB
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagrams
Pin
Names
Description
OE1, OE2
Output Enable Input
(Active Low)
I0–I7
Inputs
O0–O7
Outputs
OE1 I0–3 O0–3 OE2
I4–7 O4–7
H
XZ
H
XZ
L
HH
L
HH
L
LL
L
LL
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Flatpak
DS100967-1
Pin Assignment for LCC
DS100967-2
September 1998
© 1999 National Semiconductor Corporation
DS100967
www.national.com
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 1 of 5
54FCT244
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ’FCT244 is an octal buffer and line driver with
TRI-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus-oriented transmitter/
receiver.
Features
n
Non-inverting buffers
n
Output sink capability of 48 mA, source capability of
12 mA
n
TRI-STATE outputs drive lines or buffer memory address
registers
n
TTL input and output level compatible
n
CMOS power consumption
n
Standard Microcircuit Drawing (SMD) 5962-8763001
Ordering Code
Military
Package
Package Description
Number
54FCT244DMQB
J20A
20-Lead Ceramic Dual-In-Line
54FCT244FMQB
W20A
20-Lead Cerpack
54FCT244LMQB
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagrams
Pin
Names
Description
OE1, OE2
Output Enable Input
(Active Low)
I0–I7
Inputs
O0–O7
Outputs
OE1 I0–3 O0–3 OE2
I4–7 O4–7
H
XZ
H
XZ
L
HH
L
HH
L
LL
L
LL
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Flatpak
DS100967-1
Pin Assignment for LCC
DS100967-2
September 1998
© 1999 National Semiconductor Corporation
DS100967
www.national.com
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 1 of 5
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
* For complete Rochester ordering guide, please refer to page 2 *


同様の部品番号 - 54FCT244

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Integrated Device Techn...
54FCT244ATDBGB IDT-54FCT244ATDBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
54FCT244ATLBGB IDT-54FCT244ATLBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
54FCT244ATPGBGB IDT-54FCT244ATPGBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
54FCT244ATPYBGB IDT-54FCT244ATPYBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
More results

同様の説明 - 54FCT244

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
MN54ABT240 NSC-MN54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT240-X NSC-MN54ABT240-X Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com