データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54FCT244FMQB データシート(PDF) 4 Page - Rochester Electronics

部品番号 54FCT244FMQB
部品情報  Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

54FCT244FMQB データシート(HTML) 4 Page - Rochester Electronics

  54FCT244FMQB Datasheet HTML 1Page - Rochester Electronics 54FCT244FMQB Datasheet HTML 2Page - Rochester Electronics 54FCT244FMQB Datasheet HTML 3Page - Rochester Electronics 54FCT244FMQB Datasheet HTML 4Page - Rochester Electronics 54FCT244FMQB Datasheet HTML 5Page - Rochester Electronics 54FCT244FMQB Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
54FCT244
Specification Number 54FCT244-M (N) REV A
Page 4 of 6
AC Electrical Characteristics for ’FCT Family Devices
Symbol
Parameter
54FCT
Units
Fig.
No.
TA = −55˚C to +125˚C
VCC = 4.5V–5.5V
CL = 50 pF
Min
Max
tPLH
Propagation Delay
1.5
7.5
ns
tPHL
Data to Outputs
1.5
7.5
tPZH
Output Enable
1.5
10.5
ns
tPZL
Time
1.5
10.5
tPHZ
Output Disable
1.5
8.0
ns
tPLZ
Time
1.5
8.0
Capacitance
Symbol
Parameter
Max
Units
Conditions
TA = 25˚C
CIN
Input Capacitance
10.0
pF
VCC = 0V
COUT (Note 5)
Output Capacitance
12.0
pF
VCC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
3
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 3 of 5


同様の部品番号 - 54FCT244FMQB

メーカー部品番号データシート部品情報
logo
Texas Instruments
54FCT244FMQB TI-54FCT244FMQB Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

同様の説明 - 54FCT244FMQB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
MN54ABT240 NSC-MN54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT240-X NSC-MN54ABT240-X Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com