データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM108 データシート(PDF) 3 Page - Rochester Electronics

部品番号 LM108
部品情報  OPERATIONAL AMPLIFIER Industry Part Number LM108
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

LM108 データシート(HTML) 3 Page - Rochester Electronics

  LM108 Datasheet HTML 1Page - Rochester Electronics LM108 Datasheet HTML 2Page - Rochester Electronics LM108 Datasheet HTML 3Page - Rochester Electronics LM108 Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM108
Specification Number LM108-CM(R) Rev A
Page 3 of 4
MNLM108-X REV 0BL
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = +20V, Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Iib-
Input Bias
Current
Vcm = -15V
-0.1
2
nA
1
-1.0
3.0
nA
2, 3
Vcm = 15V
-0.1
2
nA
1
-1.0
3.0
nA
2, 3
-0.1
2
nA
1
-1.0
3.0
nA
2, 3
Vcc = +5V
-1.0
2
nA
1
Vcc = +5V
-1.0
3.0
nA
2, 3
PSRR
Power Supply
Rejection Ratio
+20V <= Vcc <= +5V
80
dB
1, 2,
3
CMRR
Common Mode
Rejection Ratio
-15V <= Vcm <= 15V
85
dB
1, 2,
3
Ios+
Short Circuit
Current
Vcc = +15V
-30
-1.0
mA
1, 2,
3
Ios-
Short Circuit
Current
Vcc = +5V
1
30
mA
1, 2,
3
Icc
Power Supply
Current
0.6
mA
1
0.4
mA
2
0.8
mA
3
Rin
Input Resistance
2
30
MOhm 1
3


同様の部品番号 - LM108

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM108 LINER-LM108 Datasheet
451Kb / 8P
   Operational Amplifiers?
LM108 LINER-LM108 Datasheet
141Kb / 4P
   Operational Amplifier
logo
Intersil Corporation
LM108 INTERSIL-LM108 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results

同様の説明 - LM108

メーカー部品番号データシート部品情報
logo
Samtec, Inc
ASP-148422-01 SAMTEC-ASP-148422-01 Datasheet
339Kb / 2P
   1. SET UP ASP PART NUMBER FOR INDUSTRY STANDARD.
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com