データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD548 データシート(PDF) 9 Page - Analog Devices

部品番号 AD548
部品情報  Precision, Low Power BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD548 データシート(HTML) 9 Page - Analog Devices

Back Button AD548_02 Datasheet HTML 4Page - Analog Devices AD548_02 Datasheet HTML 5Page - Analog Devices AD548_02 Datasheet HTML 6Page - Analog Devices AD548_02 Datasheet HTML 7Page - Analog Devices AD548_02 Datasheet HTML 8Page - Analog Devices AD548_02 Datasheet HTML 9Page - Analog Devices AD548_02 Datasheet HTML 10Page - Analog Devices AD548_02 Datasheet HTML 11Page - Analog Devices AD548_02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 9. Low Power Instrumentation Amplifier
Gains of 1 to 100 can be accommodated with gain nonlinearities
of less than 0.01%. Input errors, which contribute an output
error proportional to in amp gain, include a maximum untrimmed
input offset voltage of 0.5 mV and an input offset voltage drift
over temperature of 4
µV/°C. Output errors, which are indepen-
dent of gain, will contribute an additional 0.5 mV offset and
4
µV/°C drift. The maximum input current is 15 pA over the
common-mode range, with a common-mode impedance of over
1
× 1012 Ω. Resistor pairs R3/R5 and R4/R6 should be ratio
matched to 0.01% to take full advantage of the AD548’s high
common-mode rejection. Capacitors C1 and C1
′ compensate for
peaking in the gain over frequency caused by input capacitance
when gains of 1 to 3 are used.
The –3 dB small signal bandwidth for this low power instrumenta-
tion amplifier is 700 kHz for a gain of 1 and 10 kHz for a gain of
100. The typical output slew rate is 1.8 V/
µs.
LOG RATIO AMPLIFIER
Log ratio amplifiers are useful for a variety of signal conditioning
applications, such as linearizing exponential transducer outputs
and compressing analog signals having a wide dynamic range.
The AD548’s picoamp level input current and low input offset
voltage make it a good choice for the front-end amplifier of the
log ratio circuit shown in Figure 10. This circuit produces an
output voltage equal to the log base 10 of the ratio of the input
currents I1 and I2. Resistive inputs R1 and R2 are provided for
voltage inputs.
Input currents I1 and I2 set the collector currents of Q1 and Q2,
a matched pair of logging transistors. Voltages at points A and
B are developed according to the following familiar diode
equation:
V
BE = (kT /q )ln ( IC / I ES )
In this equation, k is Boltzmann’s constant, T is absolute tem-
perature, q is an electron charge, and IES is the reverse saturation
current of the logging transistors. The difference of these two
voltages is taken by the subtractor section and scaled by a factor
of approximately 16 by resistors R9, R10, and R8. Temperature
Application Hints–AD548
PHOTODIODE PREAMP
The performance of the photodiode preamp shown in Figure 7
is enhanced by the AD548’s low input current, input voltage
offset, and offset voltage drift. The photodiode sources a current
proportional to the incident light power on its surface. RF converts
the photodiode current to an output voltage equal to RF
× IS.
Figure 7.
An error budget illustrating the importance of low amplifier
input current, voltage offset, and offset voltage drift to minimize
output voltage errors can be developed by considering the equi-
valent circuit for the small (0.2 mm
2 area) photodiode shown in
Figure 7. The input current results in an error proportional to
the feedback resistance used. The amplifier’s offset will produce
an error proportional to the preamp’s noise gain (I + RF/RSH),
where RSH is the photodiode shunt resistance. The amplifier’s
input current will double with every 10
°C rise in temperature,
and the photodiode’s shunt resistance halves with every 10
°C
rise. The error budget in Figure 8 assumes a room temperature
photodiode RSH of 500 M
Ω, and the maximum input current
and input offset voltage specs of an AD548C.
TEMP
CRSH (M )VOS ( V) (1+ RF/RSH) VOS
IB (pA)
IBRF
TOTAL
25
15,970
150
151
µV0.30
30
µV
181
µV
0
2,830
200
207
µV2.26
262
µV 469 µV
25
500
250
300
µV
10.00
1.0 mV 1.30 mV
50
88.5
300
640
µV
56.6
5.6 mV 6.24 mV
75
15.6
350
2.6 mV
320
32 mV
34.6 mV
85
7.8
370
5.1 mV
640
64 mV
69.1 mV
Figure 8. Photodiode Preamp Errors Over Temperature
The capacitance at the amplifier’s negative input (the sum of the
photodiode’s shunt capacitance, the op amp’s differential input
capacitance, stray capacitance due to wiring, etc.) will cause a
rise in the preamp’s noise gain over frequency. This can result in
excess noise over the bandwidth of interest. CF reduces the
noise gain “peaking” at the expense of bandwidth.
INSTRUMENTATION AMPLIFIER
The AD548C’s maximum input current of 10 pA makes it an
excellent building block for the high input impedance instru-
mentation amplifier shown in Figure 9. Total current drain for
this circuit is under 600
µA. This configuration is optimal for
conditioning differential voltages from high impedance sources.
The overall gain of the circuit is controlled by RG, resulting in
the following transfer function:
V
OUT
V
IN
= 1 +
(R
1 + R2 )
R
G
REV. D
–9–


同様の部品番号 - AD548_02

メーカー部品番号データシート部品情報
logo
Analog Devices
AD548A AD-AD548A Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548AH AD-AD548AH Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548AQ AD-AD548AQ Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548B AD-AD548B Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548BH AD-AD548BH Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
More results

同様の説明 - AD548_02

メーカー部品番号データシート部品情報
logo
Analog Devices
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD648 AD-AD648 Datasheet
335Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. C
AD648 AD-AD648_15 Datasheet
209Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com