データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD680AN データシート(PDF) 6 Page - Analog Devices

部品番号 AD680AN
部品情報  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD680AN データシート(HTML) 6 Page - Analog Devices

Back Button AD680AN Datasheet HTML 2Page - Analog Devices AD680AN Datasheet HTML 3Page - Analog Devices AD680AN Datasheet HTML 4Page - Analog Devices AD680AN Datasheet HTML 5Page - Analog Devices AD680AN Datasheet HTML 6Page - Analog Devices AD680AN Datasheet HTML 7Page - Analog Devices AD680AN Datasheet HTML 8Page - Analog Devices AD680AN Datasheet HTML 9Page - Analog Devices AD680AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD680
Rev. H | Page 6 of 12
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage operation. A typical precision band gap consists
of a reference core and buffer amplifier. Based on a new, pat-
ented band gap reference design (Figure 5), the AD680 merges
the amplifier and the core band gap function to produce a
compact, complete precision reference.
Central to the device is a high gain amplifier with an intentionally
large proportional to absolute temperature (PTAT) input offset.
This offset is controlled by the area ratio of the amplifier input
pair, Q1 and Q2, and is developed across Resistor R1. Transistor
Q12’s base emitter voltage has a complementary to absolute
temperature (CTAT) characteristic. Resistor R2 and the parallel
combination of Resistor R3 and Resistor R4 “multiply” the PTAT
voltage across the R1 resistor. Trimming the R3 and R4 resistors
to the proper ratio produces a temperature invariant of 2.5 V at
the output. The result is an accurate, stable output voltage
accomplished with a minimum number of components.
+VIN
Q11
TEMP
Q12
R2
R1
Q5
Q4
Q1
1
×
Q2
8
×
Q9
R5
Q8
Q3
Q7
Q6
Q10
GND
C1
R6
R7
R4
R3
VOUT
Figure 5. Schematic Diagram
APPLYING THE AD680
The AD680 is simple to use in virtually all precision reference
applications. When power is applied to +VIN and the GND pin
is tied to ground, VOUT provides a 2.5 V output. The AD680
typically requires less than 250 μA of current when operating
from a supply of 4.5 V to 36 V.
To operate the AD680, the +VIN pin must be bypassed to the
GND pin with a 0.1 μF capacitor tied as close to the AD680 as
possible. Although the ground current for the AD680 is small,
typically 195 μA, a direct connection should be made between
the AD680 GND pin and the system ground plane.
Reference outputs are frequently required to handle fast
transients caused by input switching networks, commonly
found in ADCs and measurement instrumentation equipment.
Many of the dynamic problems associated with this situation
can be minimized with a few simple techniques. Using a series
resistor between the reference output and the load tends to
“decouple” the reference output from the transient source, or a
relatively large capacitor connected from the reference output to
ground can serve as a charge storage element to absorb and
deliver charge as required by the dynamic load. A 50 nF capaci-
tor is recommended for the AD680 in this case; this is large
enough to store the required charge, but small enough not to
disrupt the stability of the reference.
The 8-lead PDIP and 8-lead SOIC packaged versions of the
AD680 also provide a temperature output pin. The voltage on
this pin is nominally 596 mV at 25°C. This pin provides an
output linearly proportional to temperature with a
characteristic of 2 mV/°C.
NOISE PERFORMANCE
The noise generated by the AD680 is typically less than 8 μV p-p
over the 0.1 Hz to 10 Hz band. Figure 6 shows the 0.1 Hz to 10 Hz
noise of a typical AD680. The noise measurement is made with a
band-pass filter made of a 1-pole high-pass filter, with a corner
frequency at 0.1 Hz, and a 2-pole low-pass filter, with a corner
frequency at 12.6 Hz, to create a filter with a 9.922 Hz bandwidth.
5
μV
1s
100
90
0%
10
Figure 6. 0.1 Hz to 10 Hz Noise
Noise in a 300 kHz bandwidth is approximately 800 μV p-p.
Figure 7 shows the broadband noise of a typical AD680.


同様の部品番号 - AD680AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD680AN AD-AD680AN Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680AN AD-AD680AN Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

同様の説明 - AD680AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com