データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD680AN データシート(PDF) 3 Page - Analog Devices

部品番号 AD680AN
部品情報  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD680AN データシート(HTML) 3 Page - Analog Devices

  AD680AN Datasheet HTML 1Page - Analog Devices AD680AN Datasheet HTML 2Page - Analog Devices AD680AN Datasheet HTML 3Page - Analog Devices AD680AN Datasheet HTML 4Page - Analog Devices AD680AN Datasheet HTML 5Page - Analog Devices AD680AN Datasheet HTML 6Page - Analog Devices AD680AN Datasheet HTML 7Page - Analog Devices AD680AN Datasheet HTML 8Page - Analog Devices AD680AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD680
Rev. H | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VIN = 5 V, unless otherwise noted. Specifications in boldface are tested on all production units at final electrical test. Results
from these tests are used to calculate outgoing quality levels. All minimum and maximum specifications are guaranteed.
Table 1.
AD680AN/AD680AR
AD680JN/AD680JR
AD680JT
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
Output Voltage, VO
2.495
2.500
2.505
2.490
2.500
2.510
2.490
2.500
2.510
V
Initial Accuracy, VOERR
−5
+5
−10
+10
−10
+10
mV
−0.20
+0.20
−0.40
+0.40
−0.40
+0.40
%
OUTPUT VOLTAGE DRIFT1
0°C to 70°C
10
10
25
10
30
ppm/°C
−40°C to +85°C
20
25
25
ppm/°C
LINE REGULATION
4.5 V ≤ +VIN ≤ 15 V
40
40
40
μV/V
(@ TMIN to TMAX)
40
40
40
μV/V
15 V ≤ +VIN ≤ 36 V
40
40
40
μV/V
(@ TMIN to TMAX)
40
40
40
μV/V
LOAD REGULATION
0 < IOUT < 10 mA
80
100
80
100
80
100
μV/mA
(@ TMIN to TMAX)
80
100
80
100
80
100
μV/mA
QUIESCENT CURRENT
195
250
195
250
195
250
μA
(@ TMIN to TMAX)
280
280
280
μA
POWER DISSIPATION
1
1.25
1
1.25
1
1.25
mW
OUTPUT NOISE
0.1 Hz to 10 Hz
8
10
8
10
8
10
μV p-p
Spectral Density, 100 Hz
250
250
250
nV/√Hz
CAPACITIVE LOAD
50
50
50
nF
LONG-TERM STABILITY
25
25
25
ppm/1,000 hr
SHORT-CIRCUIT CURRENT TO GROUND
25
50
25
50
25
50
mA
TEMPERATURE PIN
Voltage Output @ 25°C
540
596
660
540
596
660
mV
Temperature Sensitivity
2
2
mV/°C
Output Current
−5
+5
−5
+5
μA
Output Resistance
12
12
TEMPERATURE RANGE
Specified Performance
−40
+85
0
70
0
70
°C
Operating Performance2
−40
+85
−40
+85
−40
+85
°C
1 Maximum output voltage drift is guaranteed for all packages.
2 The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.


同様の部品番号 - AD680AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD680AN AD-AD680AN Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680AN AD-AD680AN Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

同様の説明 - AD680AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com