データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD680JT データシート(PDF) 7 Page - Analog Devices

部品番号 AD680JT
部品情報  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD680JT データシート(HTML) 7 Page - Analog Devices

Back Button AD680JT Datasheet HTML 3Page - Analog Devices AD680JT Datasheet HTML 4Page - Analog Devices AD680JT Datasheet HTML 5Page - Analog Devices AD680JT Datasheet HTML 6Page - Analog Devices AD680JT Datasheet HTML 7Page - Analog Devices AD680JT Datasheet HTML 8Page - Analog Devices AD680JT Datasheet HTML 9Page - Analog Devices AD680JT Datasheet HTML 10Page - Analog Devices AD680JT Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD680
Rev. H | Page 7 of 12
500
μV
100
90
0%
10
50
μs
500
μV
Figure 7. Broadband Noise at 300 kHz
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified error
band is defined as the turn-on settling time. Two components
normally associated with this are the time for the active circuits
to settle, and the time for the thermal gradients on the chip to
stabilize. The turn-on settling time of the AD680 is about 20 μs
to within 0.025% of its final value, as shown in Figure 8.
VIN
VOUT
100
90
0%
10
10
μs
5V
1mV
Figure 8. Turn-On Settling Time
The AD680 thermal settling characteristic benefits from its
compact design. Once initial turn-on is achieved, the output
linearly approaches its final value; the output is typically within
0.01% of its final value after 25 ms.
DYNAMIC PERFORMANCE
The output stage of the amplifier is designed to provide the
AD680 with static and dynamic load regulation superior to
less complete references. Figure 9 to Figure 11 display the char-
acteristics of the AD680 output amplifier driving a 0 mA to
10 mA load. Longer settling times result if the reference is
forced to sink any transient current.
In some applications, a varying load may be both resistive and
capacitive in nature, or the load may be connected to the
AD680 by a long capacitive cable.
AD680
+VIN
VOUT
VOUT
VOUT
0V
VL
249
Ω
0.1
μF
Figure 9. Transient Load Test Circuit
VOUT
VL
100
90
0%
10
5
μs
50mV
2V
Figure 10. Large Scale Transient Response
VOUT
VIN
100
90
0%
10
5
μs
5mV
2V
Figure 11. Fine Scale Settling for Transient Load


同様の部品番号 - AD680JT

メーカー部品番号データシート部品情報
logo
Analog Devices
AD680JT AD-AD680JT Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680JT AD-AD680JT Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

同様の説明 - AD680JT

メーカー部品番号データシート部品情報
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com