データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5326ARU データシート(PDF) 3 Page - Analog Devices

部品番号 AD5326ARU
部品情報  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5326ARU データシート(HTML) 3 Page - Analog Devices

  AD5326ARU Datasheet HTML 1Page - Analog Devices AD5326ARU Datasheet HTML 2Page - Analog Devices AD5326ARU Datasheet HTML 3Page - Analog Devices AD5326ARU Datasheet HTML 4Page - Analog Devices AD5326ARU Datasheet HTML 5Page - Analog Devices AD5326ARU Datasheet HTML 6Page - Analog Devices AD5326ARU Datasheet HTML 7Page - Analog Devices AD5326ARU Datasheet HTML 8Page - Analog Devices AD5326ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
DC PERFORMANCE3, 4
AD5306
Resolution
8
8
Bits
Relative Accuracy
±0.15
±1
±0.15
±0.625
LSB
Differential Nonlinearity
±0.02
±0.25
±0.02
±0.25
LSB
Guaranteed monotonic by
design over all codes.
AD5316
Resolution
10
10
Bits
Relative Accuracy
±0.5
±4
±0.5
±2.5
LSB
Differential Nonlinearity
±0.05
±0.5
±0.05
±0.5
LSB
Guaranteed monotonic by
design over all codes.
AD5326
Resolution
12
12
Bits
Relative Accuracy
±2
±16
±2
±10
LSB
Differential Nonlinearity
±0.2
±1
±0.2
±1
LSB
Guaranteed monotonic by
design over all codes.
Offset Error
±5
±60
±5
±60
mV
VDD = 4.5 V, gain = 2;
see Figure 4 and Figure 5.
Gain Error
±0.3
±1.25
±0.3
±1.25
% of FSR
VDD = 4.5 V, gain = 2;
see Figure 4 and Figure 5.
Lower Deadband5
10
60
10
60
mV
See Figure 4; lower
deadband exists only if
offset error is negative.
Upper Deadband5
10
60
10
60
mV
See Figure 5; upper
deadband exists only if
VREF = VDD and offset plus
gain error is positive.
Offset Error Drift6
−12
–12
ppm of FSR/°C
Gain Error Drift6
–5
–5
ppm of FSR/°C
DC Power Supply
Rejection Ratio6
–60
–60
dB
ΔVDD = ±10%.
DC Crosstalk6
200
200
μV
RL = 2 kΩ to GND or VDD.
DAC REFERENCE INPUTS6
VREF Input Range
1
VDD
1
VDD
V
Buffered reference mode.
0.25
VDD
0.25
VDD
V
Unbuffered reference mode.
VREF Input Impedance
>10
>10
Buffered reference mode
and power-down mode.
148
180
148
180
Unbuffered reference mode;
0 V to VREF output range.
74
90
74
90
Unbuffered reference mode;
0 V to 2 VREF output range.
Reference Feedthrough
−90
−90
dB
Frequency = 10 kHz.
Channel-to-Channel Isolation
−75
−75
dB
Frequency = 10 kHz.
OUTPUT CHARACTERISTICS6
Minimum Output Voltage7
0.001
0.001
V
This is a measure of the
minimum and maximum
drive capability of the
output amplifier.
Maximum Output Voltage7
VDD − 0.001
VDD − 0.001
V
DC Output Impedance
0.5
0.5
Ω


同様の部品番号 - AD5326ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5326 AD-AD5326 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5326 AD-AD5326 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5326 AD-AD5326 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5326 AD-AD5326 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5326 AD-AD5326 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

同様の説明 - AD5326ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com