データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5361BSTZ1 データシート(PDF) 3 Page - Analog Devices

部品番号 AD5361BSTZ1
部品情報  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5361BSTZ1 データシート(HTML) 3 Page - Analog Devices

  AD5361BSTZ1 Datasheet HTML 1Page - Analog Devices AD5361BSTZ1 Datasheet HTML 2Page - Analog Devices AD5361BSTZ1 Datasheet HTML 3Page - Analog Devices AD5361BSTZ1 Datasheet HTML 4Page - Analog Devices AD5361BSTZ1 Datasheet HTML 5Page - Analog Devices AD5361BSTZ1 Datasheet HTML 6Page - Analog Devices AD5361BSTZ1 Datasheet HTML 7Page - Analog Devices AD5361BSTZ1 Datasheet HTML 8Page - Analog Devices AD5361BSTZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5360/AD5361
Rev. A | Page 3 of 28
GENERAL DESCRIPTION
The AD5360/AD5361 contain sixteen, 16-/14-bit DACs in a
single 52-lead LQFP or 56-lead LFCSP package. They provide
buffered voltage outputs with a span four times the reference
voltage. The gain and offset of each DAC can be independently
trimmed to remove errors. For even greater flexibility, the device is
divided into two groups of eight DACs, and the output range of
each group can be independently adjusted by an offset DAC.
The AD5360/AD5361 offer guaranteed operation over a wide
supply range with VSS from −4.5 V to −16.5 V and VDD from
+8 V to +16.5 V. The output amplifier headroom requirement
is 1.4 V.
The AD5360/AD5361 have a high speed 4-wire serial interface,
which is compatible with SPI, QSPI™, MICROWIRE™, and DSP
interface standards and can handle clock speeds of up to
50 MHz. All the outputs can be updated simultaneously by
taking the LDAC input low. Each channel has a programmable
gain register and an offset adjust register.
Each DAC output is amplified and buffered on-chip with
respect to an external SIGGNDx input. The DAC outputs can
also be switched to SIGGNDx via the CLR pin.


同様の部品番号 - AD5361BSTZ1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

同様の説明 - AD5361BSTZ1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com