データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5361BCPZ-REEL71 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5361BCPZ-REEL71
部品情報  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5361BCPZ-REEL71 データシート(HTML) 5 Page - Analog Devices

  AD5361BCPZ-REEL71 Datasheet HTML 1Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 2Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 3Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 4Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 5Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 6Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 7Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 8Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5360/AD5361
Rev. A | Page 5 of 28
Parameter
B Version1
Unit
Test Conditions/Comments
DIGITAL OUTPUTS (SDO, BUSY, GPIO, PEC)
Output Low Voltage
0.5
V max
Sinking 200 μA
Output High Voltage (SDO)
DVCC − 0.5
V min
Sourcing 200 μA
High Impedance Leakage Current
±5
μA max
SDO only
High Impedance Output Capacitance4
10
pF typ
TEMPERATURE SENSOR (TEMP_OUT)4
Accuracy
±1
°C typ
@ 25°C
±5
°C typ
−40°C < T < +85°C
Output Voltage at 25°C
1.46
V typ
Output Voltage Scale Factor
4.4
mV/°C typ
Output Load Current
200
μA max
Current source only
Power-On Time
10
ms typ
To within ±5°C
POWER REQUIREMENTS
DVCC
2.5/5.5
V min/max
VDD
8/16.5
V min/max
VSS
−4.5/−16.5
V min/max
Power Supply Sensitivity4
∆ Full Scale/∆ VDD
−75
dB typ
∆ Full Scale/∆ VSS
−75
dB typ
∆ Full Scale/∆ DVCC
−90
dB typ
DICC
2
mA max
VCC = 5.5 V, VIH = DVCC, VIL = GND
IDD
10
mA max
Outputs unloaded
ISS
10
mA max
Outputs unloaded
Power-Down Mode
Bit 0 in the Control Register is 1
DICC
5
μA typ
IDD
35
μA typ
ISS
−35
μA typ
Power Dissipation
Power Dissipation Unloaded (P)
245
mW max
VSS = −12 V, VDD = +12 V, DVCC = 2.5 V
Junction Temperature
130
°C max
TJ = TA + PTOTAL × θJA
1 Temperature range for B version: −40°C to +85°C. Typical specifications are at 25°C.
2 Specifications are guaranteed for a 5 V reference only.
3 VOUTx refers to any of VOUT0 to VOUT15.
4 Guaranteed by design and characterization, not production tested.
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF = 5 V; AGND = DGND = SIGGND = 0 V; CL = 200 pF; RL = 10 kΩ; gain (M), offset (C), and
DAC offset registers at default value; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
20
μs typ
Full-scale change
30
μs max
DAC latch contents alternately loaded with all 0s and all 1s
Slew Rate
1
V/μs typ
Digital-to-Analog Glitch Energy
5
nV-s typ
Glitch Impulse Peak Amplitude
10
mV max
Channel-to-Channel Isolation
100
dB typ
VREF0, VREF1 = 2 V p-p, 1 kHz
DAC-to-DAC Crosstalk
10
nV-s typ
Digital Crosstalk
0.2
nV-s typ
Digital Feedthrough
0.02
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 10 kHz
250
nV/√Hz typ
VREF0 = VREF1 = 0 V
1 Guaranteed by design and characterization, not production tested.


同様の部品番号 - AD5361BCPZ-REEL71

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

同様の説明 - AD5361BCPZ-REEL71

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com