データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5390BCPZ-5-REEL7 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5390BCPZ-5-REEL7
部品情報  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5390BCPZ-5-REEL7 データシート(HTML) 4 Page - Analog Devices

  AD5390BCPZ-5-REEL7 Datasheet HTML 1Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 2Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 3Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 4Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 5Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 6Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 7Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 8Page - Analog Devices AD5390BCPZ-5-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD5390/AD5391/AD5392
Data Sheet
Rev. E | Page 4 of 44
GENERAL DESCRIPTION
The AD5390/AD5391 are complete single-supply, 16-channel,
14-bit and 12-bit DACs, respectively. The AD5392 is a complete
single-supply, 8-channel, 14-bit DAC. The devices are available
in either a 64-lead LFCSP or a 52-lead LQFP. All channels have
an on-chip output amplifier with rail-to-rail operation. All
devices include an internal 1.25/2.5 V, 10 ppm/°C reference, an
on-chip channel monitor function that multiplexes the analog
outputs to a common MON_OUT pin for external monitoring,
and an output amplifier boost mode that optimizes the output
amplifier slew rate.
The AD5390/AD5391/AD5392 contain a 3-wire serial interface
with interface speeds in excess of 30 MHz that are compatible
with SPI®, QSPI™, MICROWIRE™, and DSP interface standards
and an I2C-compatible interface supporting a 400 kHz data
transfer rate.
An input register followed by a DAC register provides double-
buffering, allowing DAC outputs to be updated independently
or simultaneously using the LDAC input. Each channel has a
programmable gain and offset adjust register, letting the user
fully calibrate any DAC channel.
Power consumption is typically 0.25 mA per channel.
Table 1. Additional High Channel Count, Low Voltage, Single-Supply DACs in Portfolio
Model
Resolution
AVDD Range
Output
Channels
Linearity Error (LSB)
Package Description
Package Option
AD5380BSTZ-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead LQFP
ST-100
AD5380BSTZ-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead LQFP
ST-100
AD5381BSTZ-5
12 Bits
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100
AD5381BSTZ-3
12 Bits
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100
AD5382BSTZ-5
14 Bits
4.5 V to 5.5 V
32
±4
100-Lead LQFP
ST-100
AD5382BSTZ-3
14 Bits
2.7 V to 3.6 V
32
±4
100-Lead LQFP
ST-100
AD5383BSTZ-5
12 Bits
4.5 V to 5.5 V
32
±1
100-Lead LQFP
ST-100
AD5383BSTZ-3
12 Bits
2.7 V to 3.6 V
32
±1
100-Lead LQFP
ST-100


同様の部品番号 - AD5390BCPZ-5-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5390BCPZ-5 AD-AD5390BCPZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

同様の説明 - AD5390BCPZ-5-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com