データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5543CRMZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD5543CRMZ
部品情報  Current Output/Serial Input, 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5543CRMZ データシート(HTML) 1 Page - Analog Devices

  AD5543CRMZ Datasheet HTML 1Page - Analog Devices AD5543CRMZ Datasheet HTML 2Page - Analog Devices AD5543CRMZ Datasheet HTML 3Page - Analog Devices AD5543CRMZ Datasheet HTML 4Page - Analog Devices AD5543CRMZ Datasheet HTML 5Page - Analog Devices AD5543CRMZ Datasheet HTML 6Page - Analog Devices AD5543CRMZ Datasheet HTML 7Page - Analog Devices AD5543CRMZ Datasheet HTML 8Page - Analog Devices AD5543CRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Current Output/Serial Input,
16-/14-Bit DACs
Data Sheet
AD5543/AD5553
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2012 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution AD5543
14-bit resolution AD5553
±1 LSB DNL
±1 LSB INL
Low noise: 12 nV/√Hz
Low power: IDD = 10 µA
0.5 µs settling time
4Q multiplying reference input
2 mA full-scale current ± 20%, with VREF = 10 V
Built-in RFB facilitates voltage conversion
3-wire interface
Ultracompact 8-lead MSOP and 8-lead SOIC packages
APPLICATIONS
Automatic test equipment
Instrumentation
Digitally controlled calibration
Industrial control PLCs
GENERAL DESCRIPTION
The AD5543/AD5553 are precision 16-/14-bit, low power,
current output, small form factor digital-to-analog converters
(DACs). They are designed to operate from a single 5 V supply
with a ±10 V multiplying reference.
The applied external reference, VREF, determines the full-scale
output current. An internal feedback resistor (RFB) facilitates the
R-2R and temperature tracking for voltage conversion when
combined with an external op amp.
A serial-data interface offers high speed, 3-wire microcontroller-
compatible inputs using serial data in (SDI), clock (CLK), and
chip select (CS).
The AD5543/AD5553 are packaged in ultracompact (3 mm ×
4.7 mm) 8-lead MSOP and 8-lead SOIC packages.
FUNCTIONAL BLOCK DIAGRAM
16-BIT/14-BIT SHIFT
REGISTER
DAC
REGISTER
AD5543/AD5553
DAC
VDD
VREF
RFB
IOUT
CS
CLK
SDI
GND
CONTROL
LOGIC
16 OR 14
16 OR 14
Figure 1.
CODE
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 2. Integral Nonlinearity
2
0
–2
–4
–6
–8
–10
–12
–14
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 3. Reference Multiplying Bandwidth


同様の部品番号 - AD5543CRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5543 AD-AD5543 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5543 AD-AD5543 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5543 AD-AD5543 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5543 AD-AD5543 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

同様の説明 - AD5543CRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com