データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5204BRZ50 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5204BRZ50
部品情報  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5204BRZ50 データシート(HTML) 7 Page - Analog Devices

Back Button AD5204BRZ50 Datasheet HTML 3Page - Analog Devices AD5204BRZ50 Datasheet HTML 4Page - Analog Devices AD5204BRZ50 Datasheet HTML 5Page - Analog Devices AD5204BRZ50 Datasheet HTML 6Page - Analog Devices AD5204BRZ50 Datasheet HTML 7Page - Analog Devices AD5204BRZ50 Datasheet HTML 8Page - Analog Devices AD5204BRZ50 Datasheet HTML 9Page - Analog Devices AD5204BRZ50 Datasheet HTML 10Page - Analog Devices AD5204BRZ50 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5204/AD5206
Rev. C | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC
1
NC
2
GND
3
CS
4
B4
24
W4
23
A4
22
B2
21
PR
5
VDD 6
SHDN
7
W2
20
A2
19
A1
18
SDI
8
W1
17
CLK
9
B1
16
SDO 10
A3
15
VSS 11
W3
14
NC 12
B3
13
AD5204
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 6. AD5204 SOIC/TSSOP/PDIP Pin Configuration
Table 3. AD5204 SOIC/TSSOP/PDIP Pin Function Descriptions
Pin No.
Name
Description
1, 2, 12
NC
Not Connected.
3
GND
Ground.
4
CS
Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the address
bits, and then it is loaded into the target RDAC latch.
5
PR
Preset to Midscale (Active Low). This pin sets the RDAC registers to 0x80.
6
VDD
Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V.
7
SHDN
Terminal A Open-Circuit Shutdown (Active Low Input). This pin controls VR 1 through VR 4.
8
SDI
Serial Data Input. Data is input MSB first.
9
CLK
Serial Clock Input. This pin is positive edge triggered.
10
SDO
Serial Data Output. This pin is an open-drain transistor and requires a pull-up resistor.
11
VSS
Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V.
13
B3
Terminal B RDAC 3.
14
W3
Wiper RDAC 3. Address = 0102.
15
A3
Terminal A RDAC 3.
16
B1
Terminal B RDAC 1.
17
W1
Wiper RDAC 1. Address = 0002.
18
A1
Terminal A RDAC 1.
19
A2
Terminal A RDAC 2.
20
W2
Wiper RDAC 2. Address = 0012.
21
B2
Terminal B RDAC 2.
22
A4
Terminal A RDAC 4.
23
W4
Wiper RDAC 4. Address = 0112.
24
B4
Terminal B RDAC 4.


同様の部品番号 - AD5204BRZ50

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5204BRZ50 AD-AD5204BRZ50 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results

同様の説明 - AD5204BRZ50

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com