データシートサーチシステム |
|
SM6T6V8AY データシート(PDF) 2 Page - STMicroelectronics |
|
SM6T6V8AY データシート(HTML) 2 Page - STMicroelectronics |
2 / 12 page Characteristics SM6TY 2/12 Doc ID 17741 Rev 3 1 Characteristics Figure 1. Electrical characteristics - definitions Figure 2. Pulse definition for electrical characteristics Table 1. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit VPP Peak pulse voltage ISO 10605 (C = 330 pF, R = 330 Ω): Contact discharge Air discharge ISO 10605 (C = 150 pF, R = 330 Ω): Contact discharge Air discharge 30 30 30 30 kV PPP Peak pulse power dissipation(1) Tj initial = Tamb 600 W Tj Operating junction temperature range -55 to 150 Tstg Storage temperature range -65 to 150 °C TL Maximum lead temperature for soldering during 10 s. 260 1. For a surge greater than the maximum values, the diode will fail in short-circuit. V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CL VBR VRM I RM I R I PP V I I F V F V CL VBR VRM I RM I R I PP V I I F V F Unidirectional Bidirectional Symbol Parameter V Stand-off voltage V Breakdown voltage V Clamping voltage I Leakage current @ V I Peak pulse current T Voltage temperature coefficient V Forward voltage drop R Dynamic resistance RM BR CL RM RM PP F D α Repetitive pulse current tr = rise time (µs) tp = pulse duration time (µs) tr tp |
同様の部品番号 - SM6T6V8AY |
|
同様の説明 - SM6T6V8AY |