データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP56-16E6327 データシート(PDF) 4 Page - Infineon Technologies AG

部品番号 BCP56-16E6327
部品情報  For AF driver and output stages
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP56-16E6327 データシート(HTML) 4 Page - Infineon Technologies AG

  BCP56-16E6327 Datasheet HTML 1Page - Infineon Technologies AG BCP56-16E6327 Datasheet HTML 2Page - Infineon Technologies AG BCP56-16E6327 Datasheet HTML 3Page - Infineon Technologies AG BCP56-16E6327 Datasheet HTML 4Page - Infineon Technologies AG BCP56-16E6327 Datasheet HTML 5Page - Infineon Technologies AG BCP56-16E6327 Datasheet HTML 6Page - Infineon Technologies AG BCP56-16E6327 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2011-10-13
4
BCP54...-BCP56...
DC current gain hFE = ƒ(IC)
VCE = 2 V
EHP00268
BCP 54...56
3
10
mA
0
10
3
10
5
5
10
0
10
1
10
1
C
FE
h
Ι
2
10
2
10
C
100
5
25 C
-50 C
10
4
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
EHP00271
BCP 54...56
CEsat
V
0.4
V
0.8
100
101
3
10
Ι
C
mA
C
2
10
0.2
0.6
104
100
25 C
C
-50
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
0
10
EHP00270
BCP 54...56
BEsat
V
0
4
10
Ι
C
mA
0.2
1
10
2
10
3
10
0.4
0.6
0.8
1.2
V
C
100
25 C
-50 C
Collector cutoff current ICBO = ƒ(TA)
VCBO = 30 V
0
10
EHP00269
BCP 54...56
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
C
102
max
typ


同様の部品番号 - BCP56-16E6327

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP56-16 PHILIPS-BCP56-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Nexperia B.V. All right...
BCP56-16 NEXPERIA-BCP56-16 Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
logo
Zetex Semiconductors
BCP56-16 ZETEX-BCP56-16 Datasheet
42Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
TECH PUBLIC Electronics...
BCP56-16 TECHPUBLIC-BCP56-16 Datasheet
1Mb / 5P
   NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BCP56-16 SIEMENS-BCP56-16 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

同様の説明 - BCP56-16E6327

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Infineon Technologies A...
BCX51 INFINEON-BCX51_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-07-29
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com