データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W08 データシート(PDF) 1 Page - First Components International

部品番号 W08
部品情報  1.5 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

W08 データシート(HTML) 1 Page - First Components International

  W08 Datasheet HTML 1Page - First Components International W08 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
WOB
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
.217(5.5)
.197(5.0)
1.2(30.5)
MIN.
.032(0.8)
.028(0.7)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
POS
LEAD
Description
Mechanical Dimensions
Data Sheet
1.5 Amp
SINGLE PHASE SILICON BRIDGE
Features
n 200 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
W005 . . . 10 Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 ms Single ½ Sine Wave Imposed on Rated Load
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 1.0 Amp
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Units
Volts
Volts
Volts
............................................. 1.5 ...............................................
............................................. 50 ...............................................
........................................ -55 to 125 .........................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
Amps
Amps
°C
Volts
µAmps
mAmps
W005
W01
W02
W04
W06
W08
W10
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n COMPACT SIZE
n LOW LEAKAGE CURRENT
Electrical Characteristics
WEIGHT: 1.1GRAMS
n


同様の部品番号 - W08

メーカー部品番号データシート部品情報
logo
Surge Components
W08 SURGE-W08 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W08 DAYA-W08 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W08 SUNTAN-W08 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W08 SEMTECH-W08 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W08 CHENG-YI-W08 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

同様の説明 - W08

メーカー部品番号データシート部品情報
logo
First Components Intern...
2W005 FCI-2W005_1 Datasheet
67Kb / 1P
   2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU400 FCI-KBU400_1 Datasheet
65Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU600 FCI-KBU600_1 Datasheet
75Kb / 1P
   6.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU800 FCI-KBU800_1 Datasheet
77Kb / 1P
   8.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
W005G FCI-W005G Datasheet
125Kb / 2P
   1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
Formosa MS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
RB151 FORMOSA-RB151 Datasheet
29Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RB151 DGNJDZ-RB151 Datasheet
82Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com