データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD9N08L データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQD9N08L
部品情報  80V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD9N08L データシート(HTML) 2 Page - Fairchild Semiconductor

  FQD9N08L Datasheet HTML 1Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 2Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 3Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 4Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 5Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 6Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 7Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 8Page - Fairchild Semiconductor FQD9N08L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. A2, December 2000
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2000 Fairchild Semiconductor International
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 1.38mH, IAS = 7.4A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 9.3A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
80
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.08
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
--
--
1
µA
VDS = 64 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 3.7 A
VGS = 5 V, ID = 3.7 A
--
0.15
0.17
0.21
0.23
gFS
Forward Transconductance
VDS = 25 V, ID = 3.7 A
--
4.8
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
215
280
pF
Coss
Output Capacitance
--
70
90
pF
Crss
Reverse Transfer Capacitance
--
16
20
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 9.3 A,
RG = 25 Ω
--
6.5
23
ns
tr
Turn-On Rise Time
--
180
370
ns
td(off)
Turn-Off Delay Time
--
13
35
ns
tf
Turn-Off Fall Time
--
30
70
ns
Qg
Total Gate Charge
VDS = 64 V, ID = 9.3 A,
VGS = 5 V
--
4.7
6.1
nC
Qgs
Gate-Source Charge
--
1.2
--
nC
Qgd
Gate-Drain Charge
--
2.8
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
7.4
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
29.6
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 7.4 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9.3 A,
dIF / dt = 100 A/µs
--
54
--
ns
Qrr
Reverse Recovery Charge
--
80
--
nC


同様の部品番号 - FQD9N08L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD9N08 ISC-FQD9N08 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

同様の説明 - FQD9N08L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB17N08L FAIRCHILD-FQB17N08L Datasheet
571Kb / 9P
   80V LOGIC N-Channel MOSFET
FQPF17N08L FAIRCHILD-FQPF17N08L Datasheet
556Kb / 8P
   80V LOGIC N-Channel MOSFET
FQPF9N08L FAIRCHILD-FQPF9N08L Datasheet
552Kb / 8P
   80V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD17N08L KERSEMI-KSMD17N08L Datasheet
1Mb / 8P
   80V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
555Kb / 9P
   80V LOGIC N-Channel MOSFET
FQP17N08L FAIRCHILD-FQP17N08L Datasheet
562Kb / 8P
   80V LOGIC N-Channel MOSFET
FQP9N08L FAIRCHILD-FQP9N08L Datasheet
541Kb / 8P
   80V LOGIC N-Channel MOSFET
FQB9N08L FAIRCHILD-FQB9N08L Datasheet
612Kb / 9P
   80V LOGIC N-Channel MOSFET
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com