データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4060BM96 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4060BM96
部品情報  CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4060BM96 データシート(HTML) 6 Page - Texas Instruments

Back Button CD4060BM96 Datasheet HTML 2Page - Texas Instruments CD4060BM96 Datasheet HTML 3Page - Texas Instruments CD4060BM96 Datasheet HTML 4Page - Texas Instruments CD4060BM96 Datasheet HTML 5Page - Texas Instruments CD4060BM96 Datasheet HTML 6Page - Texas Instruments CD4060BM96 Datasheet HTML 7Page - Texas Instruments CD4060BM96 Datasheet HTML 8Page - Texas Instruments CD4060BM96 Datasheet HTML 9Page - Texas Instruments CD4060BM96 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 2


同様の部品番号 - CD4060BM96

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4060BM96 TI1-CD4060BM96 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
CD4060BM96E4 TI1-CD4060BM96E4 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
CD4060BM96G4 TI1-CD4060BM96G4 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
More results

同様の説明 - CD4060BM96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
   CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Renesas Technology Corp
CD4060BMS RENESAS-CD4060BMS Datasheet
405Kb / 9P
   CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B Datasheet
241Kb / 9P
   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
   14-stage ripple carry binary counter/divider and oscillator
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
   14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
   14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com