データシートサーチシステム |
|
FM24C64B-G データシート(PDF) 10 Page - Cypress Semiconductor |
|
FM24C64B-G データシート(HTML) 10 Page - Cypress Semiconductor |
10 / 15 page FM24C64B Document Number: 001-84454 Rev. *B Page 10 of 15 AC Test Conditions Equivalent AC Load Circuit Input Pulse Levels 0.1 VDD to 0.9 VDD Input rise and fall times 10 ns Input and output timing levels 0.5 VDD Diagram Notes All start and stop timing parameters apply to both read and write cycles. Clock specifications are identical for read and write cycles. Write timing parameters apply to slave address, word address, and write data bits. Functional relationships are illustrated in the relevant data sheet sections. These diagrams illustrate the timing parameters only. Read Bus Timing t SU:SDA Start t R t F Stop Start t BUF t HIGH 1/fSCL t LOW t SP t SP Acknowledge t HD:DAT t SU:DAT t AA t DH SCL SDA Write Bus Timing t SU:STO Start Stop Start Acknowledge t AA t HD:DAT t HD:STA t SU:DAT SCL SDA Data Retention Symbol Parameter Min Max Units Notes TDR @ +85ºC 10 - Years @ +80ºC 19 - Years @ +75ºC 38 - Years 5.5V Output 1700 100 pF |
同様の部品番号 - FM24C64B-G |
|
同様の説明 - FM24C64B-G |